Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADL5534
Data Sheet
Rev. B | Page 10 of 16
BASIC CONNECTIONS
RFOUT1
L1
470nH
L2
470nH
C7
10nF
RFIN1
C1
10nF
RFIN2
C3
10nF
C5
1nF
C9
1µF
C2
10nF
VPOS
GND
RFOUT2
C8
10nF
C4
10nF
C10
1µF
VPOS1
GND1
NC
NC
NC
NC
NC
NC
Z1
ADL5534
NC
9
12
4
10
2
11
3
1
C6
1nF
Figure 16. Basic Connections
Table 5. Recommended Components for Basic Connections
Frequency
C1, C2, C3, C4, C7, C8
L1, L2
C5, C6
C9, C10
20 MHz to 500 MHz
10 nF
470 nH
1 nF
1 μF
The basic connections for operating the ADL5534 are shown in
Figure 16. Recommended components are listed in Table 5. The
inputs and outputs should be ac-coupled with appropriately
sized capacitors (device characterization was performed with
10 nF capacitors). DC bias is provided to the amplifier via the
L1 and L2 inductors connected to the RFOUT1 and RFOUT2
pins. The recommended inductors for L1 and L2 are Coilcraft,
1008CS-471XJLC or equivalent. The bias voltage should be
decoupled using 10 nF and 1 μF capacitors. A bias voltage
of 5 V is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com