Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADL5534
Rev. B | Page 13 of 16
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 23 shows the recommended land pattern for ADL5534.
To minimize thermal impedance, the exposed paddle on the
package underside should be soldered down to a ground plane.
If multiple ground layers exist, they should be stitched together
using vias. Pin 1 to Pin 4, Pin 6, Pin 9 to Pin 11, and Pin 14 to
Pin 15 can be left unconnected, or can be connected to ground.
Connecting these pins to ground improves device-to-device
isolation and slightly enhances thermal impedance. For more
information on land pattern design and layout, refer to the
AN-772 Application Note, A Design and Manufacturing Guide for
the Lead Frame Chip Scale Package (LFCSP).
4.8mm
2.4mm
3.1mm
0.8mm
0.2mm
Figure 23. Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com