Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5534ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
20 MHz to 500 MHz
Dual IF Amplifier
Data Sheet
ADL5534
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 20 dB
Operation up to 500 MHz
Input/output internally matched to 50
Ω
Integrated bias control circuit
OIP3 of 40 dBm at 70 MHz
P1dB of 20.4 dBm at 70 MHz
Noise figure of 2.5 dB at 70 MHz
Temperature and power supply stable
Single 5 V power supply
FUNCTIONAL BLOCK DIAGRAM
9 NC
12 CLIN1
NC
NC = NO CONNECT
4
10 NC
NC 2
11 NC
NC 3
ADL5534
BIAS
NC 1
BIAS
Figure 1.
GENERAL DESCRIPTION
The ADL5534 contains two broadband, fixed-gain, linear
amplifiers and operates at frequencies up to 500 MHz. The
device can be used in a wide variety of equipment, including
cellular, satellite, broadband, and instrumentation equipment.
The ADL5534 has a fixed gain of 20 dB, which is stable over
frequency, temperature, power supply, and from device-to-
device. The amplifiers are single-ended and internally matched
to 50 Ω. Only input/output ac-coupling capacitors, power supply
decoupling capacitors, and an external bias inductor are
required for operation of each amplifier.
The ADL5534 is fabricated on a GaAs HBT process. The
device is packaged in a 16-lead 5 mm × 5 mm LFCSP that
uses an exposed paddle for excellent thermal impedance.
The ADL5534 consumes 98 mA of current per amplifier on
a single 5 V supply, and is fully specified for operation from
−40°C to +85°C.
A similar amplifier, ADL5531 (available from Analog Devices,
Inc.) is the 20 dB gain single-channel version. Fully populated
evaluation boards for both the ADL5531 and ADL5534 are
available.


Similar Part No. - ADL5534ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534ACPZ-R7 AD-ADL5534ACPZ-R7 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5534ACPZ-R7 AD-ADL5534ACPZ-R7 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
More results

Similar Description - ADL5534ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
Cascadable Amplifier 20 to 500 MHz
A81-3 MACOM-A81-3 Datasheet
357Kb / 2P
Cascadable Amplifier 20 to 500 MHz
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 500 MHz
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5534 AD-ADL5534_08 Datasheet
657Kb / 9P
20 MHz to 500 MHz IF Amplifier
Rev. PrE 2/08
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
logo
M/A-COM Technology Solu...
A80 MA-COM-A80_15 Datasheet
635Kb / 3P
Cascadable Amplifier 20 to 500 MHz
logo
Analog Devices
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com