Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5534ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5534ACPZ-R7
Description  20 MHz to 500 MHz Dual IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5534ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5534ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5534ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADL5534
Data Sheet
Rev. B | Page 14 of 16
EVALUATION BOARD
Figure 24 shows the schematic for the ADL5534 evaluation
board. The board is powered by a single 5 V supply. The
components used on the board are listed in Table 6.
Transformers (T1 and T2) are provided so the ADL5534
can be configured as a balanced amplifier. Applying 5 V to
VPOS biases the amplifier corresponding to RFIN1 and
RFOUT1. Applying 5 V to VPOS1 biases the amplifier
corresponding to RFIN2 and RFOUT2. To bias both amplifiers
from a single supply, connect 5 V to VPOS or VPOS1 and
attach a jumper across W3.
RFOUT1
T2
ADT2-1T-1P+
L1
470nH
L2
470nH
RFOUT2
C7
10nF
C5
1nF
C9
1µF
C16
OPEN
VPOS
GND
C8
10nF
C10
1µF
VPOS1
GND1
W1
W2
NC
NC
NC
NC
NC
NC
Z1
ADL5534
NC
9
12
4
10
2
11
3
1
T1
ADT2-1T-1P+
1
1
C15
OPEN
R6
OPEN
R8
OPEN
R4
OPEN
C14
OPEN
C13
OPEN
C4
10nF
C2
10nF
R2
OPEN
RFIN1
RFIN2
C12
OPEN
C11
OPEN
C3
10nF
W3
VPOS
VPOS1
C1
10nF
R3
OPEN
R1
OPEN
R5
OPEN
R7
OPEN
C6
1nF
Figure 24. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Description
Default Condition
C1, C2, C3, C4
AC coupling capacitors
10 nF, Size 0402
C5, C6
Provides decoupling for the on-board linearizer
1 nF, Size 0603
C11, C12, C13, C14,
C15, C16
Optional components used for configuring ADL5534 as a balanced amplifier
Open, Size 0402
C9, C10
Power-supply decoupling capacitors
1 µF, Size 0603
C7, C8
Power-supply decoupling capacitors
10 nF, Size 0603
R1, R2, R3, R4, R5,
R6, R7, R8
Optional components used for configuring ADL5534 as a balanced amplifier
Open, Size 0603
T1, T2
T1 and T2 are 50 Ω to100 Ω impedance transformers used to configure the ADL5534
as a balanced amplifier; T1 and T2 are used to present a 100 Ω differential impedance
to the ADL5534
Installed (Mini-Circuits®
ADT2-1T-1P+)
L1, L2
DC bias inductor
470 nH, Size 1008
VPOS, GND,
VPOS1, GND1
Clip-on terminals for power supply
VPOS, VPOS1; red
GND, GND1; black
W1, W2
2-pin jumper for connection of ground and supply via cable
W1, W2
W3
2-pin jumper used to connect VPOS to VPOS1
W3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com