Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3741 Datasheet HTML 3Page - Linear Technology LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT8390
7
8390fa
For more information www.linear.com/LT8390
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
INTVCC Voltage vs Temperature
INTVCC Voltage vs VIN
INTVCC UVLO Threshold
VREF Voltage vs Temperature
VREF Voltage vs VIN
VREF UVLO Threshold
EN/UVLO Enable Threshold
EN/UVLO Hysteresis Current
CTRL Latch-Off Threshold
TEMPERATURE (°C)
–50
4.85
5.10
5.05
5.00
4.95
4.90
5.15
125
100
150
–25
0
25
8390 G10
75
50
IINTVCC = 0mA
IINTVCC = 80mA
VIN (V)
0
4.85
5.10
5.05
5.00
4.95
4.90
5.15
50
40
60
10
20
8390 G11
30
IINTVCC = 20mA
TEMPERATURE (°C)
–50
3.2
3.8
3.9
3.7
3.5
3.6
3.4
3.3
4.0
125
100
150
–25
0
25
50
8390 G12
75
RISING
FALLING
TEMPERATURE (°C)
–50
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
125
100
150
–25
0
25
50
8390 G13
75
IVREF = 0mA
IVREF = 1mA
VIN (V)
0
1.96
2.02
2.03
2.01
1.99
2.00
1.98
1.97
2.04
50
40
60
10
20
8390 G14
30
IVREF = 100µA
TEMPERATURE (°C)
–50
1.70
1.90
1.95
1.85
1.80
1.75
2.00
125
100
150
–25
25
0
50
8390 G15
75
RISING
FALLING
TEMPERATURE (°C)
–50
1.200
1.230
1.235
1.225
1.220
1.215
1.210
1.205
1.240
125
100
150
–25
25
0
50
8390 G16
75
RISING
FALLING
TEMPERATURE (°C)
–50
2.0
2.8
2.6
2.4
2.2
3.0
125
100
150
–25
25
0
50
8390 G17
75
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.20
0.25
0.30
0.35
0.40
8390 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com