Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 27 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT3741 Datasheet HTML 23Page - Linear Technology LT3741 Datasheet HTML 24Page - Linear Technology LT3741 Datasheet HTML 25Page - Linear Technology LT3741 Datasheet HTML 26Page - Linear Technology LT3741 Datasheet HTML 27Page - Linear Technology LT3741 Datasheet HTML 28Page - Linear Technology LT3741 Datasheet HTML 29Page - Linear Technology LT3741 Datasheet HTML 30Page - Linear Technology LT3741 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LT8390
27
8390fa
For more information www.linear.com/LT8390
TYPICAL APPLICATIONS
165k
0.1µF
4m
0.1µF
22µF
63V
×2
4.7µF
100V
×2
10µF
25V
×2
120µF
16V
120µF
16V
VOUT
12V
4A
383k
4.7µF
100k
0.47µF
100k
400kHz
4.7nF
27k
100k
8390 TA02a
9.09k
15m
0.1µF
1µF
1µF
100pF
L1
6µH
M3
M4
M1
M2
EN/UVLO
VREF
CTRL
PGOOD
BG2
BST2
TG2
INTVCC
LOADEN
FB
VOUT
ISP
ISN
SYNC/SPRD
TEST
VIN
4V TO 56V
ISMON
PGOOD
LSP
LSN
SW1
SW2
BST1
TG1
BG1
VIN
LT8390
LOADTG
ISMON
SS
VC
RT
GND
SSFM OFF
SSFM ON
IOUT LIMIT 6.7A
L1: WURTH 7443551600 6µH
M1, M2: INFINEON BSZ100N06LS3
M3, M4: INFINEON BSZ033NE2LS5
98% Efficient 48W (12V 4A) Miniature Buck-Boost Voltage Regulator
Soft Start (VIN = 12V, IOUT = 3A)
Output Short Protection (VIN = 12V, IOUT = 3A)
2ms/DIV
VSS
1V/DIV
VOUT
5V/DIV
IL
2A/DIV
8390 TA02b
100ms/DIV
VSS
2V/DIV
VOUT
5V/DIV
IOUT
2A/DIV
8390 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com