Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3741 Datasheet HTML 4Page - Linear Technology LT3741 Datasheet HTML 5Page - Linear Technology LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT8390
8
8390fa
For more information www.linear.com/LT8390
TYPICAL PERFORMANCE CHARACTERISTICS
V(ISP-ISN) Regulation vs VCTRL
V(ISP-ISN) Regulation vs VISP
V(ISP-ISN) Regulation
vs Temperature
TA = 25°C, unless otherwise noted.
V(ISP-ISN) Regulation vs VFB
FB Regulation vs Temperature
Maximum Current Sense
vs Temperature
FB Overvoltage Threshold
FB Short Threshold
PGOOD Thresholds
VCTRL (V)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
25
50
75
100
125
8390 G19
VISP (V)
0
94
102
104
100
98
96
106
50
40
60
10
20
8390 G20
30
TEMPERATURE (°C)
–50 –25
94
102
104
100
98
96
106
125
100
150
0
25
8390 G21
75
50
ISP = 60V
ISP = 12V
ISP = 0V
VFB (V)
0.96 0.97
0
80
100
60
40
20
120
1.03
1.02
1.04
0.98 0.99
8390 G22
1.01
1.00
TEMPERATURE (°C)
–50 –25
0.97
1.01
1.02
1.00
0.99
0.98
1.03
125
100
150
0
25
8390 G23
75
50
VIN = 60V
VIN = 12V
VIN = 4V
TEMPERATURE (°C)
–50 –25
30
60
65
55
50
45
40
35
70
125
100
150
0
25
8390 G24
75
50
BOOST
BUCK
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.90
0.95
1.00
1.05
1.10
1.15
1.20
8390 G25
TEMPERATURE (°C)
–50 –25
0.10
0.30
0.35
0.25
0.20
0.15
0.40
125
100
150
0
25
8390 G26
75
50
RISING
FALLING
UPPER RISING
UPPER FALLING
LOWER RISING
LOWER FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–15
–10
–5
0
5
10
15
20
8390 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com