Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology LT3741 Datasheet HTML 13Page - Linear Technology LT3741 Datasheet HTML 14Page - Linear Technology LT3741 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LT8390
11
8390fa
For more information www.linear.com/LT8390
SS: Soft-Start Timer Setting. The SS pin is used to set
soft-start timer by connecting a capacitor to ground. An
internal 12.5µA pull-up current charging the external SS
capacitor gradually ramps up FB regulation voltage. A
0.1µF capacitor is recommended on this pin. Any UVLO or
thermal shutdown immediately pulls SS pin to ground and
stops switching. Using a single resistor from SS to VREF,
the LT8390 can be set in three different fault protection
modes during output short-circuit condition: hiccup (no
resistor), latch-off (499kΩ), and keep-running (100kΩ).
See more details in the Application Information section.
FB: Voltage Loop Feedback Input. The FB pin is used for
constant-voltage regulation and output fault protection.
The internal error amplifier with its output VC regulates
VFB to 1.00V through the DC/DC converter. During output
short-circuit(VFB<0.25V)condition,thepartgetsintoone
fault mode per customer setting. During an overvoltage
(VFB > 1.1V) condition, the part turns off all TG1, BG1,
TG2, BG2, and LOADTG.
VC: Error Amplifier Output to Set Inductor Current Com-
parator Threshold. The VC pin is used to compensate the
control loop with an external RC network. During LOADEN
low state, the VCpinisdisconnectedfromallinternalloads
to store its voltage information.
RT: Switching Frequency Setting. Connect a resistor from
this pin to ground to set the internal oscillator frequency
from 150kHz to 650kHz.
SYNC/SPRD: Switching Frequency Synchronization or
Spread Spectrum. Ground this pin for switching at inter-
PIN FUNCTIONS
nal oscillator frequency. Apply a clock signal for external
frequencysynchronization.TietoINTVCCfor±15%triangle
spread spectrum around internal oscillator frequency.
LOADTG: High Side PMOS Load Switch Top Gate Drive. A
bufferedandinvertedversionoftheLOADENinputsignal,the
LOADTG pin drives an external high side PMOS load switch
with a voltage swing from the higher voltage of (VOUT-5V)
and 1.2V to VOUT. Leave this pin unconnected if not used.
VOUT: Output Supply. The VOUT pin must be tied to the
power output to determine the buck, buck-boost, or boost
operation regions. The VOUTpinalsoservesaspositiverail
for the LOADTG drive. Locally bypass this pin to ground
with a minimum 1µF ceramic capacitor.
TG2: Boost Side Top Gate Drive. Drives the gate of boost
side top N-Channel MOSFET with a voltage swing from
SW2 to BST2.
SW2: Boost Side Switch Node. The SW2 pin swings from
a Schottky diode voltage drop below ground to VOUT.
BST2: Boost Side Bootstrap Floating Driver Supply. The
BST2 pin has an integrated bootstrap Schottky diode from
theINTVCCpinandrequiresanexternalbootstrapcapacitor
to the SW2 pin. The BST2 pin swings from a diode voltage
drop below INTVCC to (VOUT + INTVCC).
BG2: Boost Side Bottom Gate Drive. Drives the gate of
boost side bottom N-channel MOSFET with a voltage
swing from ground to INTVCC.
GND (Exposed Pad): Ground. Solder the exposed pad
directly to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com