Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 25 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT3741 Datasheet HTML 21Page - Linear Technology LT3741 Datasheet HTML 22Page - Linear Technology LT3741 Datasheet HTML 23Page - Linear Technology LT3741 Datasheet HTML 24Page - Linear Technology LT3741 Datasheet HTML 25Page - Linear Technology LT3741 Datasheet HTML 26Page - Linear Technology LT3741 Datasheet HTML 27Page - Linear Technology LT3741 Datasheet HTML 28Page - Linear Technology LT3741 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LT8390
25
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
MakesuretheCSSisatleastfivetotentimeslargerthanthe
compensation capacitor on the VCpinforawell-controlled
output voltage soft-start. A 0.1µF ceramic capacitor is a
good starting point.
The SS pin is also used as a fault timer. Once an output
short-circuit fault is detected, a 1.25µA pull-down current
source is activated. Using a single resistor from the SS
pin to the VREF pin, the LT8390 can be set to three differ-
ent fault protection modes: hiccup (no resistor), latch-off
(499kΩ), and keep-running (100kΩ).
With a 100kΩ resistor in keep-running mode, the LT8390
continues switching normally and regulates the current
into ground. With a 499kΩ resistor in latch-off mode, the
LT8390 stops switching until the EN/UVLO pin is pulled
low and high to restart. With no resistor in hiccup mode,
the LT8390 enters low duty cycle auto-retry operation. The
1.25µA pull-down current discharges the SS pin to 0.2V
and then 12.5µA pull-up current charges the SS pin up. If
the output short-circuit condition has not been removed
when the SS pin reaches 1.75V, the 1.25µA pull-down
current turns on again, initiating a new hiccup cycle. This
will continue until the fault is removed. Once the output
short-circuit condition is removed, the output will have a
smooth short-circuit recovery due to soft-start.
Loop Compensation
TheLT8390usesaninternaltransconductanceerrorampli-
fier,theoutputofwhich,VC,compensatesthecontrolloop.
Theexternalinductor,outputcapacitor,andthecompensa-
tion resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor on the VC pin are set to optimize control
loop response and stability. For a typical voltage regulator
application, a 10nF compensation capacitor on the VC pin
is adequate, and a series resistor should always be used
to increase the slew rate on the VC pin to maintain tighter
output voltage regulation during fast transients on the
input supply of the converter.
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, four main sources
account for most of the losses in LT8390 circuits:
1. DC I2R losses. These arise from the resistances of the
MOSFETs, sensing resistor, inductor and PC board
traces and cause the efficiency to drop at high output
currents.
2. Transition loss. This loss arises from the brief amount
of time switch A or switch C spends in the saturated
region during switch node transitions. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
3. INTVCC current. This is the sum of the MOSFET driver
and control currents.
4. CIN and COUT loss. The input capacitor has the dif-
ficult job of filtering the large RMS input current to the
regulator in buck region. The output capacitor has the
difficult job of filtering the large RMS output current in
boost region. Both CIN and COUT are required to have
low ESR to minimize the AC I2R loss and sufficient
capacitance to prevent the RMS current from causing
additional upstream losses in fuses or batteries.
5. Other losses. Schottky diode DBandDDareresponsible
for conduction losses during dead time and light load
conductionperiods.Inductorcorelossoccurspredomi-
nately at light loads. Switch A causes reverse recovery
currentlossinbuckregion,andswitchCcausesreverse
recovery current loss in boost region.
When making adjustments to improve efficiency, the
input current is the best indicator of changes in ef-
ficiency. If you make a change and the input current
decreases, then the efficiency has increased. If there is
no change in the input current, then there is no change
in efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com