Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3741 Datasheet HTML 18Page - Linear Technology LT3741 Datasheet HTML 19Page - Linear Technology LT3741 Datasheet HTML 20Page - Linear Technology LT3741 Datasheet HTML 21Page - Linear Technology LT3741 Datasheet HTML 22Page - Linear Technology LT3741 Datasheet HTML 23Page - Linear Technology LT3741 Datasheet HTML 24Page - Linear Technology LT3741 Datasheet HTML 25Page - Linear Technology LT3741 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT8390
22
8390fa
For more information www.linear.com/LT8390
APPLICATIONS INFORMATION
INTVCC Regulator
An internal P-channel low dropout regulator produces
5V at the INTVCC pin from the VIN supply pin. The INTVCC
powers internal circuitry and gate drivers in the LT8390.
The INTVCC regulator can supply a peak current of 110mA
and must be bypassed to ground with a minimum of
4.7µF ceramic capacitor. Good local bypass is necessary
to supply the high transient current required by MOSFET
gate drivers.
Higher input voltage applications with large MOSFETs
being driven at higher switching frequencies may cause
the maximum junction temperature rating for the LT8390
to be exceeded. The system supply current is normally
dominated by the gate charge current. Additional external
loading of the INTVCC also needs to be taken into account
for the power dissipation calculation. The total LT8390
power dissipation in this case is VIN • IINTVCC, and overall
efficiency is lowered. The junction temperature can be
estimated by using the equation:
TJ = TA + PD • θJA
where
θJA (in °C/W) is the package thermal resistance.
To prevent maximum junction temperature from being
exceeded, the input supply current must be checked op-
erating in continuous mode at maximum VIN.
Top Gate MOSFET Driver Supply (CBST1, CBST2)
ThetopMOSFETdrivers,TG1andTG2,aredrivenbetween
their respective SW and BST pin voltages. The boost
voltages are biased from floating bootstrap capacitors
CBST1 and CBST2, which are normally re-charged through
internal bootstrap diodes D1 and D2 when the respective
top MOSFET is turned off. Both capacitors are charged
to the same voltage as the INTVCC voltage. The bootstrap
capacitors CBST1andCBST2,needtostoreabout100times
the gate charge required by the top switches A and D. In
most applications, a 0.1µF to 0.47µF, X5R or X7R dielectric
capacitor is adequate.
Figure 12. VIN Undervoltage Lockout (UVLO)
Programming VIN UVLO
A resistor divider from VINtotheEN/UVLOpinimplements
VIN undervoltage lockout (UVLO). The EN/UVLO enable
falling threshold is set at 1.220V with 13mV hysteresis. In
addition, the EN/UVLO pin sinks 2.5µA when the voltage
on the pin is below 1.220V. This current provides user
programmable hysteresis based on the value of R1. The
programmable UVLO thresholds are:
VIN(UVLO+) = 1.233V •
R1
+R2
R2
+2.5µA •R1
VIN(UVLO−) = 1.220V •
R1
+R2
R2
Figure12showstheimplementationofexternalshut-down
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8390 in shutdown with quiescent current less than 2µA.
LT8390
VIN
R1
R2
RUN/STOP
CONTROL
(OPTIONAL)
8390 F12
EN/UVLO
GND
Programming Input or Output Current Limit
The input or output current limit can be programmed by
placing an appropriate value current sense resistor, RIS, in
the input or output power path. The voltage drop across
RIS is (Kelvin) sensed by the ISP and ISN pins. The CTRL
pin should be tied to a voltage higher than 1.35V to get
the full-scale 100mV (typical) threshold across the sense
resistor. The CTRL pin can be used to reduce the current
threshold to zero, although relative accuracy decreases
with the decreasing sense threshold. When the CTRL pin
voltage is between 0.3V and 1.15V, the current limit is:
IIS(MAX) =
VCTRL −0.25V
10 •RIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com