Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3741 Datasheet HTML 6Page - Linear Technology LT3741 Datasheet HTML 7Page - Linear Technology LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology LT3741 Datasheet HTML 13Page - Linear Technology LT3741 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT8390
10
8390fa
For more information www.linear.com/LT8390
PIN FUNCTIONS
BG1: Buck Side Bottom Gate Drive. Drives the gate of buck
side bottom N-channel MOSFET with a voltage swing from
ground to INTVCC.
BST1: Buck Side Bootstrap Floating Driver Supply. The
BST1 pin has an integrated bootstrap Schottky diode from
theINTVCCpinandrequiresanexternalbootstrapcapacitor
to the SW1 pin. The BST1 pin swings from a diode voltage
drop below INTVCC to (VIN + INTVCC).
SW1: Buck Side Switch Node. The SW1 pin swings from
a Schottky diode voltage drop below ground up to VIN.
TG1: Buck Side Top Gate Drive. Drives the gate of buck
side top N-channel MOSFET with a voltage swing from
SW1 to BST1.
LSP: Positive Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
LSN: Negative Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
VIN: Input Supply. The VIN pin must be tied to the power
inputtodeterminethebuck,buck-boost,orboostoperation
regions. Locally bypass this pin to ground with a minimum
1µF ceramic capacitor.
INTVCC: Internal 5V Linear Regulator Output. The INTVCC
linearregulatorissuppliedfromtheVINpin,andpowersthe
internal control circuitry and gate drivers. Locally bypass
thispintogroundwithaminimum 4.7µFceramiccapacitor.
EN/UVLO: Enable and Undervoltage Lockout. Force the pin
below 0.3V to shut down the part and reduce VIN quiescent
current below 2µA. Force the pin above 1.233V for normal
operation.Theaccurate1.220Vfallingthresholdcanbeused
to program an undervoltage lockout (UVLO) threshold with
a resistor divider from VIN to ground. An accurate 2.5µA
pull-downcurrentallowstheprogrammingofVINUVLOhys-
teresis. If neither function is used, tie this pin directly to VIN.
TEST: Factory Test. This pin is used for testing purpose
only and must be directly connected to ground for the
part to operate properly.
LOADEN: Load Switch Enable Input. The LOADEN pin is
used to control the ON/OFF of the high side PMOS load
switch. If the load switch control is not used, tie this pin
to VREF or INTVCC. Forcing the pin low turns off TG1 and
TG2, turns on BG1 and BG2, disconnects the VC pin from
all internal loads, and turns off LOADTG.
VREF: Voltage Reference Output. The VREF pin provides an
accurate 2V reference capable of supplying 1mA current.
Locally bypass this pin to ground with a 0.47µF ceramic
capacitor.
CTRL: Control Input for ISP/ISN Current Sense Threshold.
The CTRL pin is used to program the ISP/ISN current limit:
IIS(MAX) =
Min VCTRL −0.25V,1V
(
)
10 •RIS
The VCTRL can be set by an external voltage reference or
a resistor divider from VREF to ground. For 0.3V ≤ VCTRL
≤ 1.15V, the current sense threshold linearly goes up
from 5mV to 90mV. For VCTRL ≥ 1.35V, the current sense
threshold is constant at 100mV full scale value. For 1.15V
≤ VCTRL ≤ 1.35V, the current sense threshold smoothly
transitions from the linear function of VCTRL to the 100mV
constant value. Tie CTRL to VREF for the 100mV full scale
threshold. Force the pin below 0.3V to stop switching.
ISP: Positive Terminal of the ISP/ISN Current Sense Re-
sistor (RIS). Ensure accurate current sense with Kelvin
connection.
ISN: Negative Terminal of the ISP/ISN Current Sense
Resistor (RIS). Ensure accurate current sense with Kelvin
connection.
ISMON:ISP/ISNCurrentSenseMonitorOutput.TheISMON
pin generates a voltage that is equal to ten times V(ISP-ISN)
plus 0.25V offset voltage. For parallel applications, tie the
master LT8390 ISMON pin to the slave LT8390 CTRL pin.
PGOOD: Power Good Open Drain Output. The PGOOD
pin is pulled low when the FB pin is within ±10% of the
final regulation voltage. To function, the pin requires an
external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com