Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3741 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3741
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3741 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3741 Datasheet HTML 8Page - Linear Technology LT3741 Datasheet HTML 9Page - Linear Technology LT3741 Datasheet HTML 10Page - Linear Technology LT3741 Datasheet HTML 11Page - Linear Technology LT3741 Datasheet HTML 12Page - Linear Technology LT3741 Datasheet HTML 13Page - Linear Technology LT3741 Datasheet HTML 14Page - Linear Technology LT3741 Datasheet HTML 15Page - Linear Technology LT3741 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LT8390
12
8390fa
For more information www.linear.com/LT8390
BLOCK DIAGRAM
+
–
+
–
–
+
+
EA2
+
–
+
–
+
–
–
+
+
–
+
–
+
+
–
EA1
+
–
A2=10
A1
A3
5V LDO
2V REF
INTVCC
VREF
RT
SYNC/SPRD
CTRL
0.3V
FBOV
ISOC
FB
OSC
VOS
1.1V
VISP-ISN
0.75V
PEAK_BOOST
LOADON
VOUT/BST2
VIN/BST1
ISMON
LOADEN
SS
GND
ISN
8391 BD
ISP
0.25V
CTRL
1.25V
1V
FB
BST2
D2
TG2
SW2
BG2
BG1
SW1
TG1
BST1
VC
VIS
LOADON
1.25µA
12.5µA
0.25V
FB
INHIBIT
SWITCH
LOADTG
PGOOD
TEST
VOUT
LOADON
VREF
VOUT –5V
EN/UVLO
1.220V
2.5µA
VIN
LSN
LSP
+
A4
INTVCC
INTVCC
INTVCC
FAULT
LOGIC
SHORT
D1
INTVCC
LOADON
PEAK_BUCK
+
–
+
–
1.1V
0.9V
FB
FB
1X
VIS
BOOST
LOGIC
BUCK
LOGIC
CHARGE
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com