Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 31 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 27Page - Motorola, Inc MPC755 Datasheet HTML 28Page - Motorola, Inc MPC755 Datasheet HTML 29Page - Motorola, Inc MPC755 Datasheet HTML 30Page - Motorola, Inc MPC755 Datasheet HTML 31Page - Motorola, Inc MPC755 Datasheet HTML 32Page - Motorola, Inc MPC755 Datasheet HTML 33Page - Motorola, Inc MPC755 Datasheet HTML 34Page - Motorola, Inc MPC755 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
31
Package Description
7 Package Description
The following sections provide the package parameters and mechanical dimensions for the MPC745, 255 PBGA
package, as well as the MPC755, 360 CBGA and PBGA packages. While both the MPC755 plastic and ceramic
packages are described here, both packages are not guaranteed to be available at the same time. All new designs
should allow for either ceramic or plastic BGA packages for this device. For more information on designing a
common footprint for both plastic and ceramic package types, see the Freescale Flip-Chip Plastic Ball Grid Array
Presentation. The MPC755 was initially sampled in a CBGA package, but production units are currently provided
in both a CBGA and a PBGA package. Because of the better long-term device-to-board interconnect reliability of
the PBGA package, Freescale recommends use of a PBGA package except where circumstances dictate use of a
CBGA package.
7.1 Package Parameters for the MPC745 PBGA
The package parameters are as provided in the following list. The package type is 21
× 21 mm, 255-lead plastic ball
grid array (PBGA).
Package outline
21
× 21 mm
Interconnects
255 (16
× 16 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.25 mm
Maximum module height
2.80 mm
Ball diameter (typical)
0.75 mm (29.5 mil)
VOLTDET
K13
High
Output
L2OVDD
8
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals except the L2 cache controls (L2CE, L2WE, and L2ZZ); L2OVDD
supplies power to the L2 cache interface (L2ADDR[0:16], L2DATA[0:63], L2DP[0:7], and L2SYNC_OUT) and the L2 control signals; and VDD
supplies power to the processor core and the PLL and DLL (after filtering to become AVDD and L2AVDD, respectively). These columns serve
as a reference for the nominal voltage supported on a given signal as selected by the BVSEL/L2VSEL pin configurations of Table 2 and the
voltage supplied. For actual recommended value of Vin or supply voltages, see Table 3.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
3. This pin must be pulled up to OVDD for proper operation of the processor interface. To allow for future I/O voltage changes, provide the option
to connect BVSEL independently to either OVDD or GND.
4. These pins are reserved for potential future use as additional L2 address pins.
5. Uses one of nine existing no connects in the MPC750, 360 BGA package.
6. Internal pull-up on die.
7. This pin must be pulled up to L2OVDD for proper operation of the processor interface. To allow for future I/O voltage changes, provide the
option to connect L2VSEL independently to either L2OVDD or GND.
8. Internally tied to L2OVDD in the MPC755, 360 BGA package to indicate the power present at the L2 cache interface. This signal is not a power
supply input.
Caution: This differs from the MPC745, 255 BGA package.
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com