Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 17 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 13Page - Motorola, Inc MPC755 Datasheet HTML 14Page - Motorola, Inc MPC755 Datasheet HTML 15Page - Motorola, Inc MPC755 Datasheet HTML 16Page - Motorola, Inc MPC755 Datasheet HTML 17Page - Motorola, Inc MPC755 Datasheet HTML 18Page - Motorola, Inc MPC755 Datasheet HTML 19Page - Motorola, Inc MPC755 Datasheet HTML 20Page - Motorola, Inc MPC755 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
17
Electrical and Thermal Characteristics
Figure 6 provides the input/output timing diagram for the MPC755.
Figure 6. Input/Output Timing Diagram
4.2.3
L2 Clock AC Specifications
The L2CLK frequency is programmed by the L2 configuration register (L2CR[4–6]) core-to-L2 divisor ratio. See
Table 17 for example core and L2 frequencies at various divisors. Table 11 provides the potential range of L2CLK
output AC timing specifications as defined in Figure 7.
The minimum L2CLK frequency of Table 11 is specified by the maximum delay of the internal DLL. The
variable-tap DLL introduces up to a full clock period delay in the L2CLK_OUTA, L2CLK_OUTB, and
L2SYNC_OUT signals so that the returning L2SYNC_IN signal is phase-aligned with the next core clock (divided
by the L2 divisor ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency below this minimum,
or the L2CLK_OUT signals provided for SRAM clocking will not be phase-aligned with the MPC755 core clock at
the SRAMs.
The maximum L2CLK frequency shown in Table 11 is the core frequency divided by one. Very few L2 SRAM
designs will be able to operate in this mode, especially at higher core frequencies. Therefore, most designs will select
a greater core-to-L2 divisor to provide a longer L2CLK period for read and write access to the L2 SRAMs. The
maximum L2CLK frequency for any application of the MPC755 will be a function of the AC timings of the
MPC755, the AC timings for the SRAM, bus loading, and printed-circuit board trace length. The current AC timing
of the MPC755 supports up to 200 MHz with typical, similarly-rated SRAM parts, provided careful design practices
are observed. Clock trace lengths must be matched and all trace lengths should be as short as possible. Higher
frequencies can be achieved by using better performing SRAM. Note that revisions of the MPC755 prior to Rev. 2.8
(Rev. E) were limited in performance, and were typically limited to 175 MHz with similarly-rated SRAM. For more
information, see Section 10.2, “Part Numbers Not Fully Addressed by This Document.”
SYSCLK
All Inputs
VM
All Outputs
tKHOX
VM
(Except TS, ABB,
ARTRY, DBB)
TS, ABB, DBB
ARTRY
VM
tKHOZ
tKHABPZ
tKHARPZ
tKHARP
tKHOV
tKHOX
tKHOV
tKHOV
tKHOV
tKHOX
tKHOV
tIVKH
tIXKH
tKHOZ
tKHOE
VM = Midpoint Voltage (OVDD/2 or Vin/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com