Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 52 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 48Page - Motorola, Inc MPC755 Datasheet HTML 49Page - Motorola, Inc MPC755 Datasheet HTML 50Page - Motorola, Inc MPC755 Datasheet HTML 51Page - Motorola, Inc MPC755 Datasheet HTML 52Page - Motorola, Inc MPC755 Datasheet HTML 53Page - Motorola, Inc MPC755 Datasheet HTML 54Page - Motorola, Inc MPC755 Datasheet HTML 55Page - Motorola, Inc MPC755 Datasheet HTML 56Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
52
Freescale Semiconductor
Ordering Information
10 Ordering Information
Ordering information for the devices fully covered by this specification document is provided in Section 10.1, “Part
Numbers Fully Addressed by This Document.” Note that the individual part numbers correspond to a maximum
processor core frequency. For available frequencies, contact your local Freescale sales office. In addition to the
processor frequency, the part numbering scheme also includes an application modifier which may specify special
application conditions. Each part number also contains a revision code which refers to the die mask revision number.
Section 10.2, “Part Numbers Not Fully Addressed by This Document,” lists the part numbers which do not fully
conform to the specifications of this document. These special part numbers require an additional document called a
part number specification.
10.1 Part Numbers Fully Addressed by This Document
Table 20 provides the Freescale part numbering nomenclature for the MPC755 and MPC745 devices fully addressed
by this document.
10.2 Part Numbers Not Fully Addressed by This Document
Devices not fully addressed in this specification document are described in separate part number specifications
which supplement and supersede this document, as described in the following tables.
Table 20. Part Numbering Nomenclature
XPC
xxx
x
xx
nnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package 1
Processor
Frequency
Application Modifier
Revision Level
XPC 2
755
745
B = HiP4DP
PX = PBGA
RX = CBGA
300
350
L: 2.0 V ± 100 mV
0° to 105°C
E: 2.8; PVR = 0008 3203
755
C = HiP4DP
400
Notes:
1. See Section 7, “Package Description,” for more information on available package types.
2. The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP 3-13. These are from a limited
production volume of prototypes manufactured, tested, and Q.A. inspected on a qualified technology to simulate normal production. These
parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from
the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still
occur while shipping pilot production prototypes
Table 21. Part Numbers Addressed by XPC755BxxnnnTx Series Part Number Specification (Document Order No.
MPC755BTXPNS/D)
XPC
755
B
xx
nnn
T
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
B = HiP4DP
RX = CBGA
350
400
T: 2.0 V ± 100 mV
–40° to 105°C
D: 2.7; PVR = 0008 3203
E: 2.8; PVR = 0008 3203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com