Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 37 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 37 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 33Page - Motorola, Inc MPC755 Datasheet HTML 34Page - Motorola, Inc MPC755 Datasheet HTML 35Page - Motorola, Inc MPC755 Datasheet HTML 36Page - Motorola, Inc MPC755 Datasheet HTML 37Page - Motorola, Inc MPC755 Datasheet HTML 38Page - Motorola, Inc MPC755 Datasheet HTML 39Page - Motorola, Inc MPC755 Datasheet HTML 40Page - Motorola, Inc MPC755 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
37
System Design Information
shaded cells represent settings that, for a given SYSCLK frequency, result in core and/or VCO frequencies that do
not comply with the 400-MHz column in Table 8.
Table 16. MPC755 Microprocessor PLL Configuration Example for 400 MHz Parts
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33 MHz
Bus
50 MHz
Bus
66 MHz
Bus
75 MHz
Bus
80 MHz
Bus
100 MHz
0100
2x
2x
—
—
—
—
—200
(400)
1000
3x
2x
—
—
200
(400)
225
(450)
240
(480)
300
(600)
1110
3.5x
2x
—
—
233
(466)
263
(525)
280
(560)
350
(700)
1010
4x
2x
—
200
(400)
266
(533)
300
(600)
320
(640)
400
(800)
0111
4.5x
2x
—
225
(450)
300
(600)
338
(675)
360
(720)
—
1011
5x
2x
—
250
(500)
333
(666)
375
(750)
400
(800)
—
1001
5.5x
2x
—
275
(550)
366
(733)
—
—
—
1101
6x
2x
200
(400)
300
(600)
400
(800)
—
—
—
0101
6.5x
2x
216
(433)
325
(650)
—
—
—
—
0010
7x
2x
233
(466)
350
(700)
—
—
—
—
0001
7.5x
2x
250
(500)
375
(750)
—
—
—
—
1100
8x
2x
266
(533)
400
(800)
—
—
—
—
0110
10x
2x
333
(666)
—
—
—
—
—
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0:3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO frequencies which
are not useful, not supported, or not tested for by the MPC755; see Section 4.2.1, “Clock AC Specifications,” for valid SYSCLK, core, and
VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode is set for 1:1
mode operation. This mode is intended for factory use and emulator tool use only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL off mode, no clocking occurs inside the MPC755 regardless of the SYSCLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com