Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 16 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 12Page - Motorola, Inc MPC755 Datasheet HTML 13Page - Motorola, Inc MPC755 Datasheet HTML 14Page - Motorola, Inc MPC755 Datasheet HTML 15Page - Motorola, Inc MPC755 Datasheet HTML 16Page - Motorola, Inc MPC755 Datasheet HTML 17Page - Motorola, Inc MPC755 Datasheet HTML 18Page - Motorola, Inc MPC755 Datasheet HTML 19Page - Motorola, Inc MPC755 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
16
Freescale Semiconductor
Electrical and Thermal Characteristics
SYSCLK to ARTRY high impedance after precharge
tKHARPZ
—2
tsysclk
2, 3, 5
Notes:
1. Revisions prior to Rev. 2.8 (Rev. E) were limited in performance and did not conform to this specification. For more information, refer to
Section 10.2, “Part Numbers Not Fully Addressed by This Document.”
2. Guaranteed by design and characterization.
3. tsysclk is the period of the external clock (SYSCLK) in ns. The numbers given in the table must be multiplied by the period of SYSCLK to
compute the actual time duration (in ns) of the parameter in question.
4. Per the 60x bus protocol, TS, ABB, and DBB are driven only by the currently active bus master. They are asserted low, then precharged high
before returning to high-Z as shown in Figure 6. The nominal precharge width for TS, ABB, or DBB is 0.5 × tsysclk, that is, less than the
minimum tsysclk period, to ensure that another master asserting TS, ABB, or DBB on the following clock will not contend with the precharge.
Output valid and output hold timing is tested for the signal asserted. Output valid time is tested for precharge. The high-Z behavior is
guaranteed by design.
5. Per the 60x bus protocol, ARTRY can be driven by multiple bus masters through the clock period immediately following AACK. Bus contention
is not an issue since any master asserting ARTRY will be driving it low. Any master asserting it low in the first clock following AACK will then
go to high-Z for one clock before precharging it high during the second cycle after the assertion of AACK. The nominal precharge width for
ARTRY is 1.0 tsysclk; that is, it should be high-Z as shown in Figure 6 before the first opportunity for another master to assert ARTRY. Output
valid and output hold timing is tested for the signal asserted. Output valid time is tested for precharge. The high-Z and precharge behavior is
guaranteed by design.
6. MCP and SRESET must be held asserted for a minimum of two bus clock cycles; INT and SMI should be held asserted until the exception
is taken; CKSTP_IN must be held asserted until the system has been reset. See the MPC750 RISC Microprocessor Family User’s Manual
for more information.
Table 10. Processor Bus AC Timing Specifications 1 (continued)
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com