Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 4Page - Motorola, Inc MPC755 Datasheet HTML 5Page - Motorola, Inc MPC755 Datasheet HTML 6Page - Motorola, Inc MPC755 Datasheet HTML 7Page - Motorola, Inc MPC755 Datasheet HTML 8Page - Motorola, Inc MPC755 Datasheet HTML 9Page - Motorola, Inc MPC755 Datasheet HTML 10Page - Motorola, Inc MPC755 Datasheet HTML 11Page - Motorola, Inc MPC755 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
8
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 2 shows the allowable undershoot and overshoot voltage on the MPC755.
Figure 2. Overshoot/Undershoot Voltage
The MPC755 provides several I/O voltages to support both compatibility with existing systems and migration to
future systems. The MPC755 core voltage must always be provided at nominal 2.0 V (see Table 3 for actual
recommended core voltage). Voltage to the L2 I/Os and processor interface I/Os are provided through separate sets
of supply pins and may be provided at the voltages shown in Table 2. The input voltage threshold for each bus is
selected by sampling the state of the voltage select pins BVSEL and L2VSEL during operation. These signals must
remain stable during part operation and cannot change. The output voltage will swing from GND to the maximum
voltage applied to the OVDD or L2OVDD power pins.
Table 2 describes the input threshold voltage setting.
Table 2. Input Threshold Voltage Setting
Part
Revision
BVSEL Signal
Processor Bus
Interface Voltage
L2VSEL Signal
L2 Bus
Interface Voltage
E
0
Not Available
0
Not Available
1
2.5 V/3.3 V
1
2.5 V/3.3 V
Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied.
Note: The input threshold settings above are different for all revisions prior to Rev. 2.8 (Rev. E). For more information, refer to Section 10.2,
“Part Numbers Not Fully Addressed by This Document.”
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
(L2)OVDD + 20%
VIL
(L2)OVDD
(L2)OVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com