Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 39 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 35Page - Motorola, Inc MPC755 Datasheet HTML 36Page - Motorola, Inc MPC755 Datasheet HTML 37Page - Motorola, Inc MPC755 Datasheet HTML 38Page - Motorola, Inc MPC755 Datasheet HTML 39Page - Motorola, Inc MPC755 Datasheet HTML 40Page - Motorola, Inc MPC755 Datasheet HTML 41Page - Motorola, Inc MPC755 Datasheet HTML 42Page - Motorola, Inc MPC755 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
39
System Design Information
Figure 21 shows the PLL power supply filter circuit.
Figure 21. PLL Power Supply Filter Circuit
8.3 Decoupling Recommendations
Due to the MPC755 dynamic power management feature, large address and data buses, and high operating
frequencies, the MPC755 can generate transient power surges and high frequency noise in its power supply,
especially while driving large capacitive loads. This noise must be prevented from reaching other components in the
MPC755 system, and the MPC755 itself requires a clean, tightly regulated source of power. Therefore, it is
recommended that the system designer place at least one decoupling capacitor at each VDD, OVDD, and L2OVDD
pin of the MPC755. It is also recommended that these decoupling capacitors receive their power from separate VDD,
(L2)OVDD, and GND power planes in the PCB, utilizing short traces to minimize inductance.
These capacitors should have a value of 0.01 or 0.1 µF. Only ceramic SMT (surface mount technology) capacitors
should be used to minimize lead inductance, preferably 0508 or 0603 orientations where connections are made along
the length of the part.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB, feeding the
VDD, L2OVDD, and OVDD planes, to enable quick recharging of the smaller chip capacitors. These bulk capacitors
should have a low ESR (equivalent series resistance) rating to ensure the quick response time necessary. They should
also be connected to the power and ground planes through two vias to minimize inductance. Suggested bulk
capacitors:100–330 µF (AVX TPS tantalum or Sanyo OSCON).
8.4 Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal level
through a resistor. Unused active low inputs should be tied to OVDD. Unused active high inputs should be connected
to GND. All NC (no connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, OVDD, L2OVDD, and GND pins of the MPC755.
Note that power must be supplied to L2OVDD even if the L2 interface of the MPC755 will not be used; it is
recommended to connect L2OVDD to OVDD and L2VSEL to BVSEL if the L2 interface is unused. (This
requirement does not apply to the MPC745 since it has neither an L2 interface nor L2OVDD pins.)
8.5 Output Buffer DC Impedance
The MPC755 60x and L2 I/O drivers are characterized over process, voltage, and temperature. To measure Z0, an
external resistor is connected from the chip pad to (L2)OVDD or GND. Then, the value of each resistor is varied
until the pad voltage is (L2)OVDD/2 (see Figure 22).
The output impedance is the average of two components, the resistances of the pull-up and pull-down devices. When
data is held low, SW2 is closed (SW1 is open), and RN is trimmed until the voltage at the pad equals (L2)OVDD/2.
VDD
AVDD (or L2AVDD)
10 Ω
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com