Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755 Datasheet(PDF) 18 Page - Motorola, Inc

Part # MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MPC755 Datasheet HTML 14Page - Motorola, Inc MPC755 Datasheet HTML 15Page - Motorola, Inc MPC755 Datasheet HTML 16Page - Motorola, Inc MPC755 Datasheet HTML 17Page - Motorola, Inc MPC755 Datasheet HTML 18Page - Motorola, Inc MPC755 Datasheet HTML 19Page - Motorola, Inc MPC755 Datasheet HTML 20Page - Motorola, Inc MPC755 Datasheet HTML 21Page - Motorola, Inc MPC755 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
18
Freescale Semiconductor
Electrical and Thermal Characteristics
Freescale is similarly limited by system constraints and cannot perform tests of the L2 interface on a socketed part
on a functional tester at the maximum frequencies of Table 11. Therefore, functional operation and AC timing
information are tested at core-to-L2 divisors of 2 or greater. Functionality of core-to-L2 divisors of 1 or 1.5 is
verified at less than maximum rated frequencies.
L2 input and output signals are latched or enabled, respectively, by the internal L2CLK (which is SYSCLK
multiplied up to the core frequency and divided down to the L2CLK frequency). In other words, the AC timings of
Table 12 and Table 13 are entirely independent of L2SYNC_IN. In a closed loop system, where L2SYNC_IN is
driven through the board trace by L2SYNC_OUT, L2SYNC_IN only controls the output phase of L2CLK_OUTA
and L2CLK_OUTB which are used to latch or enable data at the SRAMs. However, since in a closed loop system
L2SYNC_IN is held in phase alignment with the internal L2CLK, the signals of Table 12 and Table 13 are
referenced to this signal rather than the not-externally-visible internal L2CLK. During manufacturing test, these
times are actually measured relative to SYSCLK.
The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then returned to the L2SYNC_IN
input of the MPC755 to synchronize L2CLK_OUT at the SRAM with the processor’s internal clock. L2CLK_OUT
at the SRAM can be offset forward or backward in time by shortening or lengthening the routing of L2SYNC_OUT
to L2SYNC_IN. See Freescale Application Note AN1794/D, Backside L2 Timing Analysis for PCB Design
Engineers.
The L2CLK_OUTA and L2CLK_OUTB signals should not have more than two loads.
The L2CLK_OUT timing diagram is shown in Figure 7.
Table 11. L2CLK Output AC Timing Specification
At recommended operating conditions (see Table 3)
Parameter
Symbol
All Speed Grades
Unit
Notes
Min
Max
L2CLK frequency
fL2CLK
80
450
MHz
1, 4
L2CLK cycle time
tL2CLK
2.5
12.5
ns
L2CLK duty cycle
tCHCL/tL2CLK
45
55
%
2, 7
Internal DLL-relock time
640
—
L2CLK
3, 7
DLL capture window
0
10
ns
5, 7
L2CLK_OUT output-to-output skew
tL2CSKW
—50
ps
6, 7
L2CLK_OUT output jitter
—
±150
ps
6, 7
Notes:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB, L2CLK_OUT, and L2SYNC_OUT pins. The L2CLK frequency-to-core frequency settings
must be chosen such that the resulting L2CLK frequency and core frequency do not exceed their respective maximum or minimum operating
frequencies. The maximum L2LCK frequency will be system dependent. L2CLK_OUTA and L2CLK_OUTB must have equal loading.
2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage.
3. The DLL-relock time is specified in terms of L2CLK periods. The number in the table must be multiplied by the period of L2CLK to compute
the actual time duration in ns. Relock timing is guaranteed by design and characterization.
4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz. This adds more delay to each tap of the DLL.
5. Allowable skew between L2SYNC_OUT and L2SYNC_IN.
6. This output jitter number represents the maximum delay of one tap forward or one tap back from the current DLL tap as the phase comparator
seeks to minimize the phase difference between L2SYNC_IN and the internal L2CLK. This number must be comprehended in the L2 timing
analysis. The input jitter on SYSCLK affects L2CLK_OUT and the L2 address/data/control signals equally and, therefore, is already
comprehended in the AC timing and does not have to be considered in the L2 timing analysis.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com