Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 22 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 22 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 18Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 19Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 20Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 21Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 22Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 23Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 24Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 25Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 26Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 12 Pin Descriptions
Document
AC207-DS04-405-R
Table 4: MDI (Media Dependent Interface) Pins (TX)
Pin Name
Pin #
Type
Description
RXP_7
RXP_6
RXP_5
RXIP_4
RXIP_3
RXIP_2
RXIP_1
RXIP_0
107
96
95
84
83
72
71
60
AI
AI
AI
AI
AI
AI
AI
AI
Receiver input positive for both 10BASE-T and 100BASE-TX.
RXIN_7
RXIN_6
RXIN_5
RXIN_4
RXIN_3
RXIN_2
RXIN_1
RXIN_0
106
97
94
85
82
73
70
61
AI
AI
AI
AI
AI
AI
AI
AI
Receiver input negative for both 10BASE-T and 100BASE-TX.
TXOP_7
TXOP_6
TXOP_5
TXOP_4
TXOP_3
TXOP_2
TXOP_1
TXOP_0
104
99
92
87
80
75
68
63
AO
AO
AO
AO
AO
AO
AO
AO
Transmitter output positive for both 10BASE-T and 100BASE-TX.
TXON_7
TXON_6
TXON_5
TXON_4
TXON_3
TXON_2
TXON_1
TXON_0
103
100
91
88
79
76
67
64
AO
AO
AO
AO
AO
AO
AO
AO
Transmitter output negative for both 10BASE-T and 100BASE-TX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com