Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 49 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 49 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 45Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 46Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 47Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 48Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 49Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 50Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 51Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 52Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 53Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Digital Timing Characteristics
Page 39
Secti o n 5 : D ig ital Timin g Ch aracteristics
POWER-ON RESET
Figure 6: Power-on Reset
PHY MDC/MDIO INTERFACE
Table 48: Power-on Reset
Parameter
SYM
Conditions
Min
Typ
Max
Units
RST* low period
tRST
150
-
-
µs
Configuration
tCONF
100
-
-
ns
Table 49: PHY MDC/MDIO Interface
Parameter
SYM
Conditions
Min
Typ
Max
Units
MDC low period
tMDCL
–
300
–
ns
MDC high period
tMDCH
–
300
–
ns
Receive data setup
time
tRDS
Setup on read cycle
10
––
ns
Receive data hold time
tRDH
Hold on read cycle
10
––
ns
Transmit data delay
time
tTDD
Delay on write cycle
3
––
ns
tRST
RST*
tCONF
All
Configuration
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com