Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 35 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 35 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 31Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 32Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 33Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 34Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 35Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 36Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 37Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 38Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 39Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
PHY Registers
Page 25
AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER
AUTO-NEGOTIATION EXPANSION REGISTER
AUTO-NEGOTIATION NEXT PAGE TRANSMIT REGISTER
Table 24: Auto-Negotiation Link Partner Ability Register
Register
Bit
Name
Description
Mode
Default
5.15:0
Technology
Technology capability field, which indicates the technology capability of
link partner. The bit definition is the same as Reg. 4.15:0.
RO
0001(H)
Table 25: Register 6: Auto-Negotiation Expansion Register
Register
Bit
Name
Description
Mode
Default
6.15:5
Reserved
RO
0000 0000
000
6.4
Parallel detection
fault
1 = Fault detected by parallel detection logic. This is caused by
unstable link, or concurrent link up condition.
0 = No fault detected by parallel detection logic.
SC/LH
0
6.3
Link partner next
page able
1 = Link partner supports next page function.
0 = Link partner does not support next page function.
RO
0
6.2
Next page able
RO
1
6.1
Page received
1 = A new link code word has been received. The contains of the
received link code word is located in register 5.
SC/LH
0
6.0
Link partner auto-
negotiation able
1 = Link partner is auto-negotiation able.
1 = Link partner is not auto-negotiation able.
RO
0
Table 26: Auto-Negotiation Next Page Transmit Register
Register
Bit
Name
Description
Mode
Default
7.15
NP
1 = Another next page is desired.
RW
0
7.14
Reserved
RO
0
7.13
Message page 1 = Message page.
0 = Un-formatted Page.
RW
1
7.12
ACK2
Acknowledge2.
1 = Will comply with message.
0 = Can not comply with message.
RW
0
7.11
Toggle
1 = Previous value of transmitted link code word equal to 0.
0 = Previous value of transmitted link code word equal to 1.
RO
N/A
7:10:0
Code
Message/un-formatted code field.
RW
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com