Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 28 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 28 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 24Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 25Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 26Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 27Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 28Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 29Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 30Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 31Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 32Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 18 Register Description
Document
AC207-DS04-405-R
0
17
PHY Interrupt Control/Status register
––
0
18
Diagnostic register
––
0
19
Test register
RO
–
0
20
Cable Length register
RO
–
0
21
Receive error count
––
0
22
Power Management register
––
0
23
Transceiver Mode register
––
0
24 – 31
Reserved
––
1
0 – 31
PHY 2 registers
––
2
0 – 31
PHY 3 registers
––
3
0 – 31
PHY 4 registers
––
4
0 – 31
PHY 5 registers
––
5
0 – 31
PHY 6 registers
––
6
0 – 31
PHY 7 registers
––
7
0 – 31
PHY 8 registers
––
8
0 – 31
LED Effect registers
––
8
16
Reserved
––
8
17
Reserved
RO
0000
8
18
LED effect with partition/isolation event
R/W
–
8
19
LED effect with link event
R/W
–
8
20
LED effect with activity (CRS) event
R/W
–
8
21
LED effect with auto-neg event
R/W
–
8
22
LED effect with speed100 event
R/W
–
8
23
LED register control mode
R/W
–
Table 14: Register Set (Cont.)
PHY Addr
Offset Addr
Definition
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com