Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 5Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 6Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 7Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 9Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 10Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 11Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Page ix
LIST OF TABLES
Table 1:
LED Connections ............................................................................................................................ 7
Table 2:
Content of Address Lookup Table................................................................................................... 7
Table 3:
Embedded Memory Structure ......................................................................................................... 9
Table 4:
MDI (Media Dependent Interface) Pins (TX)................................................................................. 12
Table 5:
MII (Media Independent) Pins ..................................................................................................... 13
Table 6:
7-wire (Serial Network Interface) Pins........................................................................................... 13
Table 7:
EEPROM Interface........................................................................................................................ 14
Table 8:
MDC/MDIO Interface..................................................................................................................... 14
Table 9:
LED Pins ....................................................................................................................................... 15
Table 10:
Configuration and Set-up .............................................................................................................. 15
Table 11:
Clock and Reset............................................................................................................................ 16
Table 12:
Power and Ground ........................................................................................................................ 16
Table 13:
No Connects ................................................................................................................................. 16
Table 14:
Register Set .................................................................................................................................. 17
Table 15:
PHY Port Status Register.............................................................................................................. 19
Table 16:
PHY Port Status ............................................................................................................................ 19
Table 17:
Initial Device Configuration Register ............................................................................................. 20
Table 18:
Bridge Configuration Register ....................................................................................................... 21
Table 19:
PHY Configuration Register 0 ....................................................................................................... 22
Table 20:
PHY Status Register 1 .................................................................................................................. 23
Table 21:
PHY Identifier 1 Register............................................................................................................... 24
Table 22:
PHY Identifier 2 Register............................................................................................................... 24
Table 23:
Auto-Negotiation Advertisement Register ..................................................................................... 24
Table 24:
Auto-Negotiation Link Partner Ability Register .............................................................................. 25
Table 25:
Register 6: Auto-Negotiation Expansion Register......................................................................... 25
Table 26:
Auto-Negotiation Next Page Transmit Register ............................................................................ 25
Table 27:
PHY 10BASE-T Configuration Register ........................................................................................ 26
Table 28:
PHY Interrupt Control/Status Register .......................................................................................... 27
Table 29:
Diagnostic Register ....................................................................................................................... 27
Table 30:
Cable Length Register .................................................................................................................. 28
Table 31:
Receive Error Count...................................................................................................................... 28
Table 32:
Power Management Register........................................................................................................ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com