Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 11Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 13Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 14Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 15Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 16Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 17Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 18Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 19Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Cable Length Monitor
Page 5
CARRIER SENSE/RXDV FOR MII PORT ONLY
Carrier sense is asserted asynchronously on the CRS pins as soon as activity is detected on the receive data stream.
RX_DV is asserted as soon as a valid SSD (Start-of-Stream Delimiter) is detected. Carrier sense and RX_DV are de-assert-
ed synchronously upon detection of a valid end of stream delimiter or two consecutive idle code groups in the receive data
stream. If carrier sense is asserted and a valid SSD is not detected immediately, RX_ER is asserted instead of RX_DV.
In 10BASE-T mode, carrier sense is asserted asynchronously on the CRS pin when valid preamble activity is detected on
the RXIP/RXIN pins. In half-duplex mode, the CRS is activated during transmit and receive of data.
CABLE LENGTH MONITOR
The AC207 can also detect the length of the cable and display the result in the interrupt control/status register, i.e., 0000
stands for < 10m cable used, 0001 stands for ~ 10 meter of cable, 1111 stands for 150 meter cable. It detects the proper
connectivity of the cable and helps to manage the cable distribution.
BRIDGE FUNCTION
MII INTERFACE
The bridge supports MII for 10/100 Mbps. Port 0 of the bridge can support either 10 or 100, while port 1 supports only at 100
Mbps. Refer to the mode pin table to configure port 0.
FORWARDING SCHEME
The bridge supports the store-and-forward scheme only. It does not support cut-through-forward. With store-and-forward,
the incoming packet should be completely received to the buffer without error before it can be sent out.
ADDRESS RECOGNITION
The self-learning bridge function is based on source address field of packets. The bridge uses the XOR hashing algorithm
to address look-up table. Programmable aging time and fast aging control is supported.
RESET AND RESTART
At the power-on, the bridge initially goes to SRAM self-test mode. It generates 8 patterns to evaluate SRAM status.
MEDIA ACCESS CONTROL
The Bridge MAC compiles with certain IEEE 802.3 MAC protocols such as frame formatting and collision handling but does
generate CRC codes. It generates a 56-bit preamble and start of frame delimiter while a packet is sending. In half-duplex
mode, the device listens before transmitting, to prevent traffic jam. During collision, a packet is retransmitted at a random
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com