Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 34Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 35Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 36Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 37Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 38Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 39Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 40Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 41Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 28 PHY Registers
Document
AC207-DS04-405-R
CABLE LENGTH REGISTER
RECEIVE ERROR COUNT
POWER MANAGEMENT REGISTER
Table 30: Cable Length Register
Register
Bit
Name
Description
Mode
Default
20.[15:9]
Reserved
RO
0000000
20.8
Adaptation
disable
1 = Disable adaptation
RW
0
20.[7:4]
Cable length
indication
These bits are to indicate cable length from 0 to 150 meters. Each bit
represents 10 meters. For example, if the cable length is 100 meters
then bits [7:4] = 1010. These bits are only applicable to 100TX mode.
RW
XXXX
20.[3:0]
Adaptation
low limit
Adaptation setting, when SD signal is first detected.
RO
XXXX
Table 31: Receive Error Count
Register
Bit
Name
Description
Mode
Default
21.[15:0]
Receive error count Count number of receiving packets with error. This register can
only be cleared by reset (software or hardware).
RO
0000
Table 32: Power Management Register
Register
Bit
Name
Description
Mode
Default
22.[15:14]
Reserved
RO
00
22.13
PD_PLL
1=Power-down PLL circuit
RO
X
22.12
PD_EQUAL
1=Power-down equalizer circuit
RO
X
22.11
PD_BT_RCVR
1=Power-down 10BASE-T receiver
RO
X
22.10
PD_LP
1=Power-down link pulse receiver
RO
X
22.9
PD_EN_DET
1=Power-down energy detect circuit
RO
X
22.8
PD_FX
1=Power-down FX circuit
RO
X
22.[7:6]
Reserved
RW
00
22.5
MSK_PLL
0=Force power-up PLL circuit
RW
X
22.4
MSK_EQUAL
0=Force power-up equalizer circuit
RW
X
22.3
MSK_BT_RCVR 0=Force power-up 10BASE-T receiver
RW
X
22.2
MSK_LP
0=Force power-up link pulse receiver
RW
X
22.1
MSK_EN_DET
0=Force power-up energy detect circuit
RW
X
22.0
MSK_FX
0=Force power-up FX circuit
RW
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com