Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS02-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # AC207-DS02-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 43Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 44Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 45Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 46Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 47Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 48Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 49Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 50Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Operating Range
Page 37
100BASE-TX TRANSCEIVER CHARACTERISTICS
10BASE-T TRANSCEIVER CHARACTERISTICS
Table 46: 100BASE-TX Transceiver Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Peak-to-peak differential output
voltage
Vp
Note 1
1.9
2.0
2.1
V
Output voltage symmetry
Vss
Note 1
0.98
1.02
mV
Signal rise/fall time
Trf
Note 1
3.0
5.0
ns
Rise/fall time symmetry
Trfs
Note 1
0
0.5
ns
Duty cycle distortion
Dcd
0
0.5
ps
Overshoot/undershoot
Vos
5
%
Output jitter
Scrambled Idle
1.4
ns
Receive jitter tolerance
4ns
Output current high
Ioh
1:1 Transformer
40
mA
Output current high
Ioh
1.25:1 Transformer
32
mA
Common mode input voltage
1.25
V
Differential input resistance
4
K
Ω
Note 1: 50
Ω (± 1%) resistor to VCC on each output
Table 47: 10BASE-T Transceiver Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Peak-to-peak differential output
voltage
Vop
Note 1
4.4
5
5.6
V
Start of idle pulse width
300
350
ns
Output jitter
1.4
ns
Receive jitter tolerance
32
ns
Differential squelch threshold
Vds
300
400
500
mV
Common mode rejection
25
V
Note 1: 50
Ω (± 1%) resistor to VCC on each output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com