Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 16 Pin Descriptions
Document
AC208-DS04-405-R
LED DISPLAY/CONFIGURATION/PROM INTERFACE
The LED pins are shared with reset-read configuration pins, test pins and EEPROM interface. The value applied on the
reset-read pins is only valid at the end of the reset cycle. The EEPROM interface is active after the reset cycle. Once the
data in the EEPROM is read, the same pins are used for LED display. Forty-eight LED outputs are available through an 6x8
matrix.
Table 9: LED Pins
Pin Name
Pin #
Type
Description
LED_LN[5]
LED_LN[4]
LED_LN[3]
LED_LN[2]
LED_LN[1]
LED_LN[0]
50
51
52
53
54
55
O
48 mA
Enable corresponding LED display line in the display matrix, active low
output. The detail of how to program and connect the LEDs is in the LED
Setup section.
LED_LN*[5] = Display 10BASE-T Collision rate and segment collision
status.
LED_LN*[4] = Display 100 Mbps Collision rate and segment collision
status
LED_LN*[3] = Display 10M segment utilization rate
LED_LN*[2] = Display 100M segment utilization rate
LED_LN*[1] = Programmable LED display. The default is to display 10M
Link/Activity information of each port.
LED_LN*[0] = Programmable LED display. The default is to display 100M
Link/Activity information of each port.
LED_D[7]
LED_D[6]
LED_D[5]
LED_D[4]
LED_D[3]
LED_D[2]
LED_D[1]
LED_D[0]
125
124
123
122
121
120
119
118
I/O, D
Output for LED display information of each column in the display matrix.
Active high output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com