Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 26 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 26 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 24Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 30Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 18 Register Descriptions
Document
AC208-DS04-405-R
Section 3 : R egis ter De scr iptions
The following standard registers are supported. (Register numbers are in Decimal format, the values are in Hex format).
REGISTER DESCRIPTION
The following table lists the AC208 register sets. Each register contains 16-bit data. The addresses in the following table are
hexadecimal.
Note
When writing to registers, it is recommended that a read/modify/write operation be performed, as
unintended bits may get set to unwanted states. This applies to all registers, including those with reserved
bits.
Table 14: Register Set
PHY Addr
Offset Addr
Definition
Type
Default
8
0–4
PHY Port Status Registers
8
0
PHY Port Link Status
RO
8
1
PHY Port Polarity Status
RO
8
2
PHY Port Partition Status for 100 Mb
RO
8
3
PHY Port Partition Status for 10 Mb
RO
8
4
PHY Port Speed Status
RO
8
5
PHY Port Isolation Status
RO
8
6
Initial Device Configuration Register
R/W
8
7
Bridge Configuration Register
R/W
8
8
Device Revision Number
RO
0
0–31
PHY 1 Registers
0
0
PHY Control Register
R/W
3000
0
1
PHY Status Register
RO
2849
0
2
PHY Identifier 1 Register
RO
0022
0
3
PHY Identifier 2 Register
RO
5541
0
4
Auto-Negotiation Advertisement Register
RO
00A1
0
5
Auto-Negotiation Link Partner Ability Register
RO
0001
0
6
Auto-Negotiation Expansion Register
RO
0004
0
7
Auto Negotiation Next Page Transmit Register
RO
2001
0
8–15
Reserved
0000
0
16
PHY 10BASE-T Configuration Register Control Register
R/W
0
17
PHY Interrupt Control/Status Register
0
18
Diagnostic Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com