Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 12 Pins
Document
AC208-DS04-405-R
Section 2 : P ins
PIN DESCRIPTIONS
Many of these device pins have multiple functions. The separate descriptions of each pin are listed in the proper sections.
Designers must assure that they have identified all modes of operation prior to final design.
The media dependent interface (MDI) pin assignment shown below and in the pin description table is subject to change
without notice. The user is advised to contact Altima Communications, Inc. before implementing any design based on the
information provided in this data sheet.
Signals types:
•
I = Input
•
O = Output
•
Z = High impedance
•
U = Pull up with 10 k
Ω
•
D = Pull down with 10 k
Ω
•
S = Schimitt Trigger
•
A = Analog signal
•
P = Power
•
G = Ground
•
* = Active low signal
Table 4: Media Dependent Interface Pins (TX)
Pin Name
Pin #
Type
Description
RXIP_7
RXIP_6
RXIP_5
RXIP_4
RXIP_3
RXIP_2
RXIP_1
RXIP_0
107
96
95
84
83
72
71
60
AI
AI
AI
AI
AI
AI
AI
AI
Receiver Input Positive for both 10BASE-T and 100BASE-TX.
RXIN_7
RXIN_6
RXIN_5
RXIN_4
RXIN_3
RXIN_2
RXIN_1
RXIN_0
106
97
94
85
82
73
70
61
AI
AI
AI
AI
AI
AI
AI
AI
Receiver Input Negative for both 10BASE-T and 100BASE-TX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com