Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 46 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 46 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 45Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 46Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 47Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 48Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 49Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 50Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
AC208
Preliminary Data Sheet
07/08/02
B roa dcom
Page 38 LED Display Matrix
Document
AC208-DS04-405-R
LED DISPLAY MATRIX
The LED Display uses refresh technique. By using the LED display matrix, the number of ports to drive the LED can be
significantly reduced. Two LEDs are assigned for each port. On, Off, and Flash states are used to indicate different
information. With reduced LED counts, and reduced number of signals, the LED display will be easier to route on the board,
and less costly.
Figure 5: LED Display Matrix
SYSTEM CONSIDERATIONS
The design of the chip is optimized for low cost 10/100 Mb unmanaged repeater applications. It also provides flexibility for
systems that require multiple LAN ports within the same unmanaged repeater domain.
LED_LN[5]
LED_D[0]
LED_LN[4]
LED_LN[3]
LED_LN[2]
LED_LN[1]
LED_LN[0]
LED_D[1]
LED_D[2]
LED_D[3]
LED_D[4]
LED_D[5]
LED_D[6]
LED_D[7]
D?
LE
D?
LE
D?
LE
D?
LE
D?
LE
D?
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D?
LE
D?
LE
D?
LE
D?
LE
D?
LE
D?
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D
LE
D?
LE
D?
LE
D
LE
D
LE
D?
LE
D
LE
D?
LE
D?
LE
D?
LE
D
LE
D
LE
D
LE
330 OHM
330 OHM
330 OHM
330 OHM
330 OHM
330 OHM
330 OHM
330 OHM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com