Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 9Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 10Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 11Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 12Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 13Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 17Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Auto-Negotiation and Miscellaneous Functions
Page 5
AUTO-NEGOTIATION AND MISCELLANEOUS FUNCTIONS
Each of the transceivers contain the ability to negotiate its mode of operation over the twisted pair using the auto-negotiation
mechanism defined in the clause 28 IEEE 802.3u specification. Auto-negotiation may be disabled by software via EEPROM.
The transceiver automatically chooses its mode of operation by detecting the incoming signal.
During auto-negotiation, the auto-negotiation advertisement register is sent to its link partner through a series of fast link
pulse (FLP). When auto-negotiation enabled, Transceiver sends FLP during the following conditions:
•
Power on
•
Link loss
•
Restart command
At the same time, the device monitors incoming data to determine its mode of operation. Parallel detection circuit is enabled
as soon as 10BASE-T idle or 100BASE-TX idle is detected. The mode of operation is configured based on the technology
of the incoming signal. When the device receives a burst of FLP from its link partner with three identical link code words
(ignoring acknowledge bit), it stores these code words in the auto-negotiation link partner ability register and waits for the
next three identical code words. Once the device detects the second code word, it configures itself to the highest technology
that is common to both ends. The technology priorities are:
1
100BASE-TX, half-duplex
2
10BASE-T half-duplex
Once auto-negotiation is complete, the status register reflects the actual speed that was chosen.
PARALLEL DETECTION
The Transceiver also checks for 10BASE-T NLP or 100BASE-TX idle symbols. If either is detected, the device automatically
configures to match the detected operating speed in half-duplex mode. This ability allows the device to communicate with
legacy 10BASE-T and 100BASE-TX systems.
CARRIER SENSE/RXDV FOR MII PORT ONLY
Carrier sense is asserted asynchronously on the CRS pins as soon as activity is detected on the receive data stream.
RX_DV is asserted as soon as a valid SSD (Start-of-Stream Delimiter) is detected. Carrier sense and RX_DV are de-
asserted synchronously upon detection of a valid end of stream delimiter or two consecutive idle code groups in the receive
data stream. If carrier sense is asserted and a valid SSD is not detected immediately, RX_ER is asserted instead of RX_DV.
In 10BASE-T mode, carrier sense is asserted asynchronously on the CRS pin when valid preamble activity is detected on
the RXIP/RXIN pins. In half-duplex mode, the CRS is activated during transmit and receive of data.
CABLE LENGTH MONITOR
The AC208 can also detect the length of the cable and display the result in the interrupt control/status register (such as, 0000
stands for less than 10m cable used, 0001 stands for ~ 10m of cable, and 1111 stands for 150m cable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com