Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC208-DS00-R Datasheet HTML 1Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 2Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 3Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 4Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 5Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 6Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 7Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 8Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
PRELIMINARY DATA SHEET
AC208
AC208-DS04-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, California 92619-7013 • Phone: 949-450-8700 •Fax: 949-450-8710
07/08/02
2.5V 10/100-TX 8-Port Repeater/7+1 Uplink Port with Integrated Bridge
Figure 1:
Functional Block Diagram
GENERAL DESCRIP T ION
FE A T U R E S
The AC208 is an unmanaged eight-port 10/100 Mbps
repeater with an integrated bridge. The AC208 provides a
low-cost and integrated solution for unmanaged repeater
applications.
The AC208 is a Class II Repeater. In addition, the eighth
port supports 10/100 TX interface for uplink function.
The AC208 provides 10/100 Mbps auto-negotiation and
parallel detection for all ports. In addition, the option to
configure each transceiver port via the EEPROM interface
is available. The AC208 provides two internal repeater state
machines, one operating at 10 Mbps and the other at
100 Mbps. Once the technology is set, the device
automatically connects each port to the appropriate
repeater segment.
The AC208 provides two back-planes for expansion, one
operates at 10 Mbps and the other operates at 100 Mbps.
Up to 32 ports can logically be connected into one repeater
using back-plane buses.
The AC208 integrates repeater and bridge technologies
with store-and-forward mechanisms.
FE A T U R E S
• Low-power (less than 1A total current consumption when
used with 1.25:1 transformer) eight-port 10/100 Mbps
repeater with built-in bridge function.
• MDC/MDIO for control/status of transceiver components.
• Eight integrated 10/100 Mbps IEEE 802.3u compliant
transceivers.
• IEEE 802.3u-compliant auto-negotiation.
• Fully integrated adaptive equalizer provides phase/
amplitude compensation for various cable lengths up to
30 dB at 100 MHz.
• Patent-pending DC restoration technique reduces offset/
baseline wander.
• Unique scrambler seed for all ports for better EMI.
• Cascadable backplanes compatible with AC206.
• Non-blocking 10/100M bridge with MAC and bridge. One
segment of a bridge is fixed to 100 Mbps, while the other
segment can be configured for 10 or 100 Mbps.
• Bridge functions include:
- Embedded 32 KB of memory for address table and
packet buffer.
- Local MAC address filtering.
- XOR hashing scheme.
- Short routing decision time.
- Forwarding schemes: store-and-forward.
- Address table up to 1K entries.
• Programmable LED display for activity, link, speed,
partition, utilization, and collision rate.
• Advanced power management includes:
- Each
transceiver
port
can
be
turned
off
independently.
- Standby mode, which reduces power when the port
is not connected.
• Low-power 2.5V 0.25 µm CMOS implementation with
128-pin QFP package.
• Input tolerance to 3.3V.
MUX
P
H
Y
R_100
R_10
Bridge
10M
100M
. . .
. . .
P
H
Y
P
H
Y
P
H
Y
MII
MII
RBP
256Kbits
RAM
TX0
TX1
TX2
TX7
Up Link
P
H
Y
TX3
P
H
Y
TX4
P
H
Y
TX5
P
H
Y
TX6
10M RBP
100M RBP
100M RBP
10M RBP


Similar Part No. - AC208-DS00-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC208 ETC-AC208 Datasheet
98Kb / 2P
8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Teledyne Technologies I...
AC2088 TELEDYNE-AC2088 Datasheet
194Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC208-DS00-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE800P STMICROELECTRONICS-STE800P Datasheet
54Kb / 4P
10/100 BASE-TX/FX 8 PORT TRANSCEIVER
A06
logo
List of Unclassifed Man...
AC207 ETC1-AC207 Datasheet
95Kb / 2P
8-PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Broadcom Corporation.
AC104X BOARDCOM-AC104X Datasheet
543Kb / 50P
2.5V 4-Port 10/100-TX Ethernet Transceiver
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC206 BOARDCOM-AC206 Datasheet
798Kb / 70P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
logo
List of Unclassifed Man...
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com