Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 43 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 43 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 42Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 45Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 46Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 47Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Test and LED Effect Register
Page 35
LED EFFECT WITH SPEED100 EVENT
LED REGISTER CONTROL MODE
Table 38: LED Effect with Speed100 Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with
Speed100 Event
When Speed100, turn on corresponding LED 1:0.
RW
01
7:6
Reserved
RO
00
5:4
LED Blink with
Speed100 Event
When Speed100, blink corresponding LED 1:0.
RW
01
3:2
Reserved
RO
00
1:0
LED Off with
Speed100 Event
When Speed100, turn off corresponding LED 1:0.
RW
10
Table 39: LED Register Control Mode
Register
Bit
Name
Description
Mode
Default
15:8
LED Data
Set value shown on the LED_D[7:0].
RW
000000
7:6
Reserved
RO
00
5:0
LED Column
Control which lane of the LED_D should be turned on.
RW
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com