Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC208-DS00-R Datasheet(PDF) 47 Page - Broadcom Corporation.

Part # AC208-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC208-DS00-R Datasheet(HTML) 47 Page - Broadcom Corporation.

Back Button AC208-DS00-R Datasheet HTML 43Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 44Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 45Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 46Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 47Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 48Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 49Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 50Page - Broadcom Corporation. AC208-DS00-R Datasheet HTML 51Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
Preliminary Data Sheet
AC208
07/08/02
B roa dcom
Document
AC208-DS04-405-R
Electrical Characteristics
Page 39
Se ction 4 : E lectr i c a l C h a r ac te ristics
The following electrical characteristics are design goals rather than characterized numbers.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature............................... –55oC to +150oC
Vcc Supply Referenced to GND............. –0.5V to 2.5V
Digital Input Voltage............................... –0.5V to 3.3V
DC Output Voltage.................................. –0.5V to Vcc
OPERATING RANGE
Operating Temperature (Ta)........................... 0oC to 70oC
Vcc Supply Voltage Range (Vcc).................. 2.375V to 2.625V
Table 42: Total Power Consumption
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Units
Supply Current
(per port)
Icc
10BASE-T, Idle
10BASE-T, Normal activity
100BASE-TX
10/100BASE-TX, low power without
cable
Power down
53
53
153
103
44
44
mA
mA
mA
mA
mA
Supply Current
(dual speed
hub)
Icc
Mode 00
Master
Mode 01
Slave, Bridge disabled
Mode 10
Slave, Uplink
Mode 11
Slave, Bridge enabled
680
620
680
680
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com