Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 12 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 12 Page - ams AG

Back Button AS6200C Datasheet HTML 8Page - ams AG AS6200C Datasheet HTML 9Page - ams AG AS6200C Datasheet HTML 10Page - ams AG AS6200C Datasheet HTML 11Page - ams AG AS6200C Datasheet HTML 12Page - ams AG AS6200C Datasheet HTML 13Page - ams AG AS6200C Datasheet HTML 14Page - ams AG AS6200C Datasheet HTML 15Page - ams AG AS6200C Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 12
Figure 10:
Register Map
Address
Symbol
Register
Description
0x0
TVAL
Temperature Register
Contains the temperature value
0x1
CONFIG
Configuration Register
Configuration settings of the temperature sensor
0x2
TLOW
TLOW Register
Low temperature threshold value
0x3
THIGH
THIGH Register
High temperature threshold value
The 2 bit addresses in the index register define the access to the registers shown in Figure 10. This
means that in order to access the different registers, the index register must be set accordingly. With
the exception of the TVAL register (which contains the temperature value data), all registers are
read/write accessible.
6.2
Detailed Register Description
6.2.1
Configuration Register (Address 0x1)
Figure 11:
CONFIGURATION Register
Addr: 0x1
Bit
Bit Name
Default
Access
Bit Description
0
Reserved
0
RO
Reserved
1
Reserved
0
RO
Reserved
2
Reserved
0
RO
Reserved
3
Reserved
0
RO
Reserved
4
Reserved
0
RO
Reserved
5
AL
1
RO
ALERT Bit (AL)
6
CR
0
RW
Conversion RATE (CR)
7
CR
1
RW
Conversion RATE (CR)
8
SM
0
RW
Sleep Mode (SM)
9
IM
0
RW
Interrupt Mode (IM)
10
POL
0
RW
Polarity (POL)
11
CF
0
RW
Consecutive Faults (CF)
12
CF
0
RW
Consecutive Faults (CF)
13
Reserved
0
RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com