Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 30 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 30 Page - ams AG

Back Button AS6200C Datasheet HTML 26Page - ams AG AS6200C Datasheet HTML 27Page - ams AG AS6200C Datasheet HTML 28Page - ams AG AS6200C Datasheet HTML 29Page - ams AG AS6200C Datasheet HTML 30Page - ams AG AS6200C Datasheet HTML 31Page - ams AG AS6200C Datasheet HTML 32Page - ams AG AS6200C Datasheet HTML 33Page - ams AG AS6200C Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Document Feedback
AS6200C
Application Information
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 30
7
Application Information
Figure 33:
Typical Application for the AS6200C Temperature Sensor
In Figure 33 the connections of the AS6200C temperature sensors to a microcontroller and the supply
voltage are shown.
The AS6200C is connected to a microcontroller via an I²C bus (SDA and SCL only). Additionally the
Alert output can also be used for temperature monitoring (e.g. using the interrupt mode, refer to IM bit
settings), an example is given in Figure 33 where the Alert output is connected to microcontroller.
The I²C of the AS6200C address of the can be selected by connecting the ADD0 pin to VDD or VSS
(refer to Figure 26). This pin must not be left unconnected.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ALERT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com