Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 21 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 21 Page - ams AG

Back Button AS6200C Datasheet HTML 17Page - ams AG AS6200C Datasheet HTML 18Page - ams AG AS6200C Datasheet HTML 19Page - ams AG AS6200C Datasheet HTML 20Page - ams AG AS6200C Datasheet HTML 21Page - ams AG AS6200C Datasheet HTML 22Page - ams AG AS6200C Datasheet HTML 23Page - ams AG AS6200C Datasheet HTML 24Page - ams AG AS6200C Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 21
6.2.10
Temperature Register (Address 0x0)
Figure 24:
Temperature Value Register
Addr: 0x0
Bit
Bit Name
0
0
1
0
2
0
3
0
4
T1
5
T2
6
T3
7
T4
8
T5
9
T6
10
T7
11
T8
12
T9
13
T10
14
T11
15
T12
The temperature register contains the digitally converted temperature value and can be read by
setting the index pointer to the TVAL register (0x0).
Two consecutive bytes must be read to obtain the complete temperature value. The MSB byte (Bits 15
to 8) is transmitted upon the first read access and the LSB byte (Bits 7 to 0) is transmitted after the
second read access. The least significant bits 3 to 0 are set to 0.
A temperature value is represented as a two complement value in order to cover also negative values.
After power-up, the temperature value is read as 0°C until the first conversion has been completed.
One LSB corresponds to 0.0625°C.
The binary values can be calculated according to the following formulas:
Positive values: |Value| / LSB
Negative values:
Complement (|Value| / LSB ) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com