Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 22 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 22 Page - ams AG

Back Button AS6200C Datasheet HTML 18Page - ams AG AS6200C Datasheet HTML 19Page - ams AG AS6200C Datasheet HTML 20Page - ams AG AS6200C Datasheet HTML 21Page - ams AG AS6200C Datasheet HTML 22Page - ams AG AS6200C Datasheet HTML 23Page - ams AG AS6200C Datasheet HTML 24Page - ams AG AS6200C Datasheet HTML 25Page - ams AG AS6200C Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 22
Example 75°C:
75°���� / 0.0625°���� = 1200 = ������������������������ 0100 1011 0000 = ������������ 4����0
Example -40°C:
|−40°����| / 0.0625°���� + 1 = 640 + 1 = ������������������������ 0010 1000 0000 + 1 = 1101 0111 1111 + 1 =
1101 10000 0000 = ������������ ����80
Figure 25:
Temperature Conversion Examples
Temperature (°C)
Digital Output (Binary)
Digital Output (Hex)
100.0
0110 0100 0000
640
75.0
0100 1011 0000
4B0
50.0
0011 0010 0000
320
25.0
0001 1001 0000
190
0.125
0000 0000 0010
002
0.0625
0000 0000 0001
001
0.0
0000 0000 0000
000
-0.0625
1111 1111 1111
FFF
-0.125
1111 1111 1110
FFE
-25.0
1110 0111 0000
E70
-40.0
1101 1000 0000
D80
6.3
Serial Interface
The device employs a standard I²C-serial bus.
6.3.1
Bus Description
A data transfer must be invoked by a master device (e.g. microcontroller) which de-fines the access to
the slave device. The master device defines and generates the serial clock (SCL) and the start/stop
conditions.
In order to address a specific device, a START condition has to be generated by the master device by
pulling the data line (SDA) from a logic high level to a logic low lev-el while the serial clock signal
(SCL) is kept at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com