Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 34 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 34 Page - ams AG

Back Button AS6200C Datasheet HTML 27Page - ams AG AS6200C Datasheet HTML 28Page - ams AG AS6200C Datasheet HTML 29Page - ams AG AS6200C Datasheet HTML 30Page - ams AG AS6200C Datasheet HTML 31Page - ams AG AS6200C Datasheet HTML 32Page - ams AG AS6200C Datasheet HTML 33Page - ams AG AS6200C Datasheet HTML 34Page - ams AG AS6200C Datasheet HTML 35Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Document Feedback
AS6200C
Revision Information
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 34
9
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams AG standard warranty as
given in the General Terms of Trade, but these products have been
superseded and should not be used for new designs
Changes from v1-00 to current revision v2-01
Page
Version 1-00 to 2-00
Figure 1: Added specification for temperature range -30°C to -20°C
3
Figure 1: Corrected temperature range for ±0.4°C accuracy (+20 to +50°C)
3
Figure 6: Removed + in the max accuracy column, added °C value
9
Figure 6: Corrected temperature range for ±0.25°C accuracy (-20 to -10°C)
9
Figure 6: Added specification for temperature range -30°C to -20°C
9
Version 2-00 to 2-01
Figure 5: Corrected max junction temperature
8
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com