Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 17 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 17 Page - ams AG

Back Button AS6200C Datasheet HTML 13Page - ams AG AS6200C Datasheet HTML 14Page - ams AG AS6200C Datasheet HTML 15Page - ams AG AS6200C Datasheet HTML 16Page - ams AG AS6200C Datasheet HTML 17Page - ams AG AS6200C Datasheet HTML 18Page - ams AG AS6200C Datasheet HTML 19Page - ams AG AS6200C Datasheet HTML 20Page - ams AG AS6200C Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 17
6.2.7
Consecutive Faults
A fault condition persists if the measured temperature either exceeds the configured value in register
THIGH or falls below the defined value in register TLOW. As a result, the ALERT pin indicates the
fault condition if a defined number of consecutive temperature readings meets this fault condition. The
number of consecutive faults are defined with two bits (12 and 11) and prevent a false alert if
environmental temperature noise is present. The register configuration is shown in the following table.
Figure 19:
Consecutive Faults Bit Settings
Consecutive Fault Bits
Consecutive Faults (N)
Bit 12
Bit 13
0
0
1
0
1
2
1
0
3
1
1
4
6.2.8
Single Shot Conversion
The device features a single shot measurement mode if the device is in sleep mode (SM=1). By
setting the “Single Shot-bit” to 1, a single temperature conversion is started and the SS-bit can be read
as 1 during the active conversion operation. Once the conversion is completed, the device enters the
sleep mode again and the SS-bit is set to 0. The single shot conversion allows very low power
consumption since a temperature conversion is executed on demand only. This allows a user defined
timing of the temperature conversions to be executed and is used if the consecutive operation mode is
not required.
As the device exhibits a very short conversion time, the effective conversion rate can be increased by
setting the single shot bit repetitively after a conversion has finished. However, it has to be ensured
that the additional power is limited, otherwise self-heating effects have to be considered.
Figure 20:
Single Shot Conversion Bit Settings
Single Shot Bit
Conversion
0
No conversion ongoing/ conversion finished
1
Start single shot conversion / conversion ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com