Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 27 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 27 Page - ams AG

Back Button AS6200C Datasheet HTML 23Page - ams AG AS6200C Datasheet HTML 24Page - ams AG AS6200C Datasheet HTML 25Page - ams AG AS6200C Datasheet HTML 26Page - ams AG AS6200C Datasheet HTML 27Page - ams AG AS6200C Datasheet HTML 28Page - ams AG AS6200C Datasheet HTML 29Page - ams AG AS6200C Datasheet HTML 30Page - ams AG AS6200C Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 27
6.3.12
Timing Characteristics
Figure 29:
Serial Interface Timing Diagram
Figure 30:
Bus Timing Specifications
Parameter
Symbol
Fast Mode
High Speed Mode
SCL Clock Frequency
fSCL
0.001
0.4
0.001
3.4
MHz
Bus free time between STOP
and START condition
tBUF
600
160
ns
Hold time after repeated
START condition
tHDSTA
100
100
ns
Repeated START condition
setup time
tSUSTA
100
100
ns
Data in hold time
tHDDAT
10
10
ns
Data out hold time (1)
tDH
100
100
ns
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/Data fall time
tF
300
160
ns
Clock/Data rise time
tR
300
160
ns
Clock/Data rise time for
SCL
≤100 kHz
tR
1000
ns
(1)
The device will hold the SDA line high for 100 ns during the falling edge of the SCL.
SCL
SDA
STOP
START
START
STOP
tBUF
tHDSTA
tLOW
tRISE
tHIGH
tFALL
tSUSTA
tSUDAT
tHDDAT
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com