Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6200C Datasheet(PDF) 14 Page - ams AG

Part # AS6200C
Description  Digital Temperature Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200C Datasheet(HTML) 14 Page - ams AG

Back Button AS6200C Datasheet HTML 10Page - ams AG AS6200C Datasheet HTML 11Page - ams AG AS6200C Datasheet HTML 12Page - ams AG AS6200C Datasheet HTML 13Page - ams AG AS6200C Datasheet HTML 14Page - ams AG AS6200C Datasheet HTML 15Page - ams AG AS6200C Datasheet HTML 16Page - ams AG AS6200C Datasheet HTML 17Page - ams AG AS6200C Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Document Feedback
AS6200C
Register Description
Datasheet
• PUBLIC
DS000563
• v2-01 • 2018-Apr-13
35
│ 14
6.2.3
Conversion Rate Bits
The conversion rate bits define the number of executed temperature conversions per time unit.
Additional readouts of the temperature register between conversions are possible but not
recommended because the value is changed only after a conversion is finished.
Values of 125ms, 250ms, 1s and 4s per conversion can be configured while the default rate is set to
250ms. This corresponds to a value of 4 conversions per second. The following table summarizes the
different configuration settings:
Figure 13:
Conversion Rate Configuration
Conversion Rate Bits
Conversion Rate
Conversion Frequency
Bit 7
Bit 6
0
0
4 s
0.25 Hz
0
1
1 s
1 Hz
1
0
250 ms
4 Hz (default)
1
1
125 ms
8 Hz
The device immediately starts a conversion after a power-on sequence and provides the first result
after typ. 32ms (max. 40ms). A higher power consumption occurs during the actual conversion while
the device stays in the standby mode after a finished conversion until the next conversion is activated
as shown in the following figure.
Figure 14:
Conversion Sequence
6.2.4
Sleep Mode
The sleep mode is activated by setting the bit SM in the configuration register to 1. This shuts the
device down immediately and reduces the power consumption to a minimum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com