Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 7 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 7 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 3Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 4Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 5Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 6Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 7Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 8Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 9Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 10Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 7 of 41
03/2018
PI352x-00
PI352x-00 Common Electrical Characteristics
Specifications apply for –40°C < TINT < 120°C, VIN = 48V, EN = High, unless otherwise noted.
[a] All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI352x evaluation board with 3 x 3"
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[b] Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
Output voltage is determined by an external feedback divider ratio.
[c] Output current capability may be limited and other performance may vary from noted electrical characteristics when VOUT is not set to nominal.
[d] Refer to Output Ripple plots.
[e] Refer to Load Current vs. Ambient Temperature curves.
[f] Refer to Switching Frequency vs. Load current curves.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential Amp
Open Loop Gain
96
120
140
dB
Small Signal Gain-bandwidth
5
7
12
MHz
Input Offset
0.5
1
mV
Common Mode Input Range
–0.1
2.5
V
Differential Mode Input Range
2
V
Input Bias Current
–1
1
µA
Output Current
–1
1
mA
Maximum VOUT
IVDIFF = –1mA
4.85
V
Minimum VOUT
IVDIFF = –1mA
20
mV
Capacitive Load Range for Stability
0
50
pF
Slew Rate
11
V/µs
PWRGD
VOUT Rising Threshold
VPG_HI%
78
84
90
% VOUT_DC
VOUT Falling Threshold
VPG_LO%
75
81
87
% VOUT_DC
PWRGD Output Low
VPG_SAT
Sink = 4mA
0.4
V
VDR
Voltage Set Point
VVDR
VIN_DC > 10V
4.9
5.05
5.2
V
External Loading
IVDR
See Application Description for details
0
2
mA
Enable
High Threshold
VEN_HI
0.9
1.0
1.1
V
Low Threshold
VEN_LO
0.7
0.8
0.9
V
Threshold Hysteresis
VEN_HYS
100
200
300
mV
Pull-Up Voltage Level for
Source Current
VEN_PU
2
V
Pull-Up Current
IEN_PU_POS
VIN > 8V, excluding tFR_DLY
50
µA
Reliability
MTBF
MIL-HDBK-217, 25ºC, Ground Benign: GB
12.6
MHrs
Telcordia SR-332, 25ºC, Ground Benign: GB
96.9
MHrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com