Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 20 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 20 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 16Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 17Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 18Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 19Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 20Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 21Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 22Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 23Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 24Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 20 of 41
03/2018
PI352x-00
Figure 48 — Transient Response: 50% to 100% load, at 1A/µs.
Nominal Line, Nominal Trim,
COUT = 12 x 47µF Ceramic
Figure 52 — Output Voltage Ripple: Nominal Line, Nominal Trim,
50% load, COUT = 12 x 47µF Ceramic
Figure 51 — Output Short Circuit, Nominal Line
Figure 49 — Output Voltage Ripple: Nominal Line, Nominal Trim,
100% load, COUT = 12 x 47µF Ceramic
Figure 50 — Switching Frequency vs. Load, Nominal Trim
Figure 53 — System Thermal Specified Operating Area: Max IOUT
at Nominal Trim vs. temperature at locations noted
PI3525-00 (5VOUT) Electrical Characteristics (Cont.)
0
4
2
6
8
10
12
20
22
14
16
18
25
50
Temperature of Isothermal SiP VIN and VS1 pins,
and PCB at Inductor (ºC)
75
100125
Note:
SiP is based on VIN and VS1 paths
only. Inductor is based on base with
inclusion of GEL 30 interface
resistance (0.15mm thick; 3.5W/m-K
thermal conductivity), and all leads.
Load Current (A)
30V
IN
48V
IN
60V
IN
300
325
350
375
400
425
450
475
500
525
550
575
600
625
02
46
8101214161820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com