Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 40 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 40 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 33Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 34Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 35Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 36Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 37Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 38Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 39Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 40Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 41Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 40 of 41
03/2018
PI352x-00
Revision History
Revision
Date
Description
Page Number(s)
1.0
01/20/17
Initial Release
n/a
1.1
02/21/17
Full data sheet release
All
1.2
03/01/17
Update Figures 1-18
10-12
1.3
06/06/17
Part number PI3526-00-LGIZ added
Correct DIFF AMP Slew Rate
Correct OVLO-Hyst specs
Typo correction
Update PI3525-00 System Thermal Specified Operating Area
Update recommendations for Parallel Operation connections
Table 6: clarify heading, update PI3525 typical performance
1-3, 15-22, 25-27, 30
7
8
9
13
28
29
1.4
09/07/17
Clarified conditions where PI3526 can start into prebiased VOUT
Clarified conditions for EN bias
Part number PI3523-00-LGIZ added
Simplified current limit specs
Added new Figure 54
Updated inductor pairing
1, 34
7
8-15, 29, 32-33, 35-36
8, 15, 22
21
35
1.5
03/13/18
Updated features & benefits
Corrected typo in ESD rating name
Clarified block diagram
Updated pin descriptions
Updated package pinout
Updated evaluation board size in note
Added start-up wave forms (figures 28, 29, 57, 58, 86, 87)
Corrected PI3526 OVP specification
Corrected PI3526 –40ºC system efficiency chart (figure 71)
Updated output voltage selection description
Updated Overtemperature Protection description
Updated thermal model
Updated mechanical drawings
1
3
4
5
6
7, 8, 9, 15, 16, 22, 23
14, 21, 28
22
26
29
30
31, 32
38, 39
Please note: Pages added in Revs 1.3 and 1.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com