Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 34 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 34 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 30Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 31Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 32Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 33Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 34Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 35Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 36Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 37Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 38Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 34 of 41
03/2018
PI352x-00
Application Description
Output Voltage Set Point
The PI352x-00 family of Buck Regulators utilizes VREF, an internal
reference for regulating the output voltage. The output voltage
setting is accomplished using external resistors as shown in
Figure 93. Select R2 to be at or around 1kΩ for best noise
immunity. Use Equations 2 and 3 to determine the proper value
based on the desired output voltage.
Note: When using the above method of trimming by adjusting the value
of R1, the compensation of the control loops is modified and additional
Cout may be needed depending on the model. When the PI3526-00-LGIZ
is trimmed below 10V, the effective COUT must be at least 120µF, including
tolerance and voltage coefficient.
Soft Start Adjust and Tracking
The TRK pin offers a means to increase the regulator’s soft-start
time or to track with additional regulators. The soft-start slope
is controlled by an internal capacitor and a fixed charge current
to provide a Soft-Start Time tSS for all PI352x-00 regulators.
By adding an additional external capacitor to the TRK pin, the
soft-start time can be increased further. The following equation
can be used to calculate the proper capacitor for a desired
soft-start time in excess of tSS:
where tTRK is the soft-start time and ITRK is a 50µA internal charge
current (see Electrical Characteristics for limits).
In applications such as battery or super-capacitor charging
where the load is pre-biased, the PI352x can start into output
voltages up to the externally applied trim set point, or the
minimum absolute OVP, provided the value does not exceed
6V. For start up into loads which are pre-biased above 6V, an
ORing FET or equivalent sub-circuit is required to decouple the
buck output from the load during start up. In any application
with a CV type load, the regulator must be configured in a
constant-current mode of operation; the built-in current limit is a
fault protection only.
There is typically either proportional or direct tracking
implemented within a design. For proportional tracking between
several regulators at start up, simply connect all PI352x-00 device
TRK pins together. This type of tracking will force all connected
regulators to start up and reach regulation at the same time
(see Figure 94a).
For Direct Tracking, choose the PI352x-00 with the highest output
voltage as the master and connect the master to the TRK pin of
the other PI352x-00 regulators through a divider (Figure 95) with
the same ratio as the slave’s feedback divider.
All connected PI352x-00 regulator soft-start slopes will track
with this method. Direct tracking timing is demonstrated in
Figure 94b. All tracking regulators should have their Enable (EN)
pins connected together to work properly.
Figure 93 — External resistor divider network
EAO
EAIN
+
-
V
REF
C
EAIN-INT
COMP
V
OUT
R
ZI
C
HF
R1
R2
V
OUT = VREF •
R1 + R2
R2
(2)
R1 = R2 •
V
OUT – VREF
V
REF
(3)
where V
REF = VEAIN
(4)
C
TRK = (tTRK • ITRK ) – CTRK_INT
Figure 94 — PI352x-00 tracking responses
V
OUT 1
V
OUT 2
Master V
OUT
V
OUT 2
(a)
(b)
t
Figure 95 — Voltage divider connections for direct tracking
Master V
OUT
R1
R2
SGND
TRK
PI352x
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com