Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 28 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 28 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 24Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 25Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 26Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 27Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 28Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 29Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 30Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 31Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 32Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 28 of 41
03/2018
PI352x-00
PI3526-00 (12VOUT) Electrical Characteristics (Cont.)
V
EAO (V)
30V
IN
48V
IN
60V
IN
0
5
10
15
20
25
0.8
1.2
1
1.6
1.4
2.6
2.4
2.2
2
1.82.8
V
EAO (V)
30V
IN
48V
IN
60V
IN
2
0
4
6
8
10
12
14
0.8
1
1.2
1.4
1.6
1.8
2.02.2
2.42.6
2.8
V
EAO (V)
30V
IN
48V
IN
60V
IN
5
0
20
15
10
25
30
35
0.8
1.3
1.8
2.32.8
Figure 83 — Output Current vs. VEAO, Nominal Trim
Figure 84 — Small Signal Modulator Gain vs. VEAO, Nominal Trim
Figure 85 — rEQ_OUT vs VEAO, Nominal Trim
Figure 86 — Start Up From VIN Applied, Nominal Line, Nominal
Trim, Typical Timing, PI3526
Figure 87 — Start Up From EN, VIN Pre-Applied, Nominal Line,
Nominal Trim, Typical Timing, PI3526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com