Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1707R1-R48-R Datasheet(PDF) 15 Page - Vicor Corporation

Part # HCV1707R1-R48-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

HCV1707R1-R48-R Datasheet(HTML) 15 Page - Vicor Corporation

Back Button HCV1707R1-R48-R Datasheet HTML 11Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 12Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 13Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 14Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 15Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 16Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 17Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 18Page - Vicor Corporation HCV1707R1-R48-R Datasheet HTML 19Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 15 of 41
03/2018
PI352x-00
PI3525-00 (5.0VOUT) Electrical Characteristics
Specifications apply for –40°C < TINT < 120°C, VIN = 48V, EN = High, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage
VIN_DC
30
48
60
V
Input Current
IIN_DC
VIN = 48V, TCASE = 25°C, IOUT = 20A
2.28
A
Input Current At Output Short
(fault condition duty cycle)
IIN_Short
Short at terminals
2.3
mA
Input Quiescent Current
IQ_VIN
Disabled
0.75
1.2
mA
Input Quiescent Current
IQ_VIN
Enabled, no load, TCASE = 25°C
2.5
mA
Input Voltage Slew Rate
VIN_SR
1
V/µs
Input capacitance, Internal
CIN_INT
Effective value VIN = 48V, 25°C
0.50
µF
Output Specifications
EAIN Voltage Total Regulation
VEAIN
[b]
0.975
0.990
1.005
V
Output Voltage Trim Range
VOUT_DC
[b] [c]
4.0
5.0
6.5
V
Line Regulation
ΔVOUT / ΔVIN @ 25°C, 30V < VIN < 60V
0.10
%
Load Regulation
ΔVOUT / ΔIOUT @ 25°C, 2A < IOUT < 20A
0.10
%
Output Voltage Ripple
VOUT_AC
IOUT = 20A, COUT = 12 x 47µF, 20MHz BW [d]
75
mVp-p
Output Current
IOUT_DC
[e]
0
20
A
Current Limit
IOUT_CL
Typical current limit based on nominal 230nH inductor.
23
A
Maximum Array Size
NPARALLEL
[b]
3
Modules
Output Current, array of 2
IOUT_DC_ARRAY2 Total array capability, [b] see applications section for details
0
[g]
A
Output Current, array of 3
IOUT_DC_ARRAY3 Total array capability, [b] see applications section for details
0
[g]
A
Protection
Input UVLO Start Threshold
VUVLO_START
27.0
29.1
V
Input UVLO Stop Hysteresis
VUVLO_HYS
1.66
2.08
2.50
V
Input UVLO Response Time
1.25
µs
Input OVLO Stop Threshold
VOVLO
62
64.3
V
Input OVLO Start Hysteresis
VOVLO_HYS
Hysteresis active when OVLO present for at least tFR_DLY
0.90
1.17
1.60
V
Input OVLO Response Time
tf
1.25
µs
Output Overvoltage Protection,
Relative
VOVP_REL
Above set VOUT
20
%
Output Overvoltage Protection,
Absolute
VOVP_ABS
6.7
7.5
V
[a] All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI352x evaluation board with 3 x 3"
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[b] Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
Output voltage is determined by an external feedback divider ratio.
[c] Output current capability may be limited and other performance may vary from noted electrical characteristics when VOUT is not set to nominal.
[d] Refer to Output Ripple plots.
[e] Refer to Load Current vs. Ambient Temperature curves.
[f] Refer to Switching Frequency vs. Load current curves.
[g] Contact factory applications for array derating and layout best practices to minimize sharing errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com